Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD411630 Fiches technique(PDF) 1 Page - Powerex Power Semiconductors

No de pièce CD411630
Description  Dual Diode 30 Amperes/1200-1600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWEREX [Powerex Power Semiconductors]
Site Internet  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD411630 Fiches technique(HTML) 1 Page - Powerex Power Semiconductors

  CD411630 Datasheet HTML 1Page - Powerex Power Semiconductors CD411630 Datasheet HTML 2Page - Powerex Power Semiconductors CD411630 Datasheet HTML 3Page - Powerex Power Semiconductors CD411630 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimension
Inches
Millimeters
A
3.681 Max.
93.5 Max.
B
3.150
80
C
1.181 Max.
30 Max.
D
1.024 Max.
26 Max.
E
0.827
21
F
0.906
23
G
0.650
16.5
H
0.492
12.5
J
0.256
6.5
K
0.256 Dia.
Dia. 6.5
L
M5 Metric
M5
Description:
Powerex Dual Diode
POW-R-BLOK™ Modules are
designed for use in applications
requiring AC to DC rectification in
isolated packaging. The modules
are isolated for easy mounting
with other components on com-
mon heatsinks. POW-R-BLOK™
has been tested and recognized
by Underwriters Laboratories
(QQQX2 Power Switching
Semiconductors).
Features:
Isolated Mounting
Glass Passivated Chips
Metal Baseplate
Low Thermal Impedance
UL Recognized
A
Applications:
Battery Supplies
AC and DC Motor Power
Supplies
Ordering Information:
Select the complete eight digit
module part number you desire
from the table below.
Example: CD411230 is a
1200 Volt, 30 Ampere Dual Diode
POW-R-BLOK™ Module.
Voltage
Current Rating
Type
Volts (x100)
Amperes (30)
CD41
12
30
16
D-99
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dual Diode
POW-R-BLOK™ Modules
30 Amperes/1200-1600 Volts
CD411230
CD411630
Outline Drawing
CD411230, CD411630
Dual Diode
POW-R-BLOK™ Modules
30 Amperes/1200-1600 Volts
A
F
C
J
E
E
G
D
H
A
B
(2 TYP.)
K - DIA.
(3 TYP.)
L - M5 THD
1
2
3
2
1
3


Numéro de pièce similaire - CD411630

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
CD4116 CDI-DIODE-CD4116 Datasheet
113Kb / 2P
   ZENER DIODE CHIPS
logo
Powerex Power Semicondu...
CD411660 POWEREX-CD411660 Datasheet
72Kb / 4P
   Dual Diode POW-R-BLOK??Modules 60 Amperes/1200-1600 Volts
CD411699 POWEREX-CD411699 Datasheet
105Kb / 4P
   POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
More results

Description similaire - CD411630

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
CD411230 POWEREX-CD411230 Datasheet
72Kb / 4P
   Dual Diode POW-R-BLOK Modules(30 Amperes/1200-1600 Volts)
ME701203 POWEREX-ME701203 Datasheet
76Kb / 4P
   Three-Phase Diode Bridge Modules (30 Amperes/1200-1600 Volts)
CD511225 POWEREX-CD511225 Datasheet
71Kb / 4P
   Dual Diode POW-R-BLOK??Modules 250 Amperes/1200-1600 Volts
CD411260 POWEREX-CD411260 Datasheet
72Kb / 4P
   Dual Diode POW-R-BLOK??Modules 60 Amperes/1200-1600 Volts
CDD11210 POWEREX-CDD11210 Datasheet
72Kb / 4P
   Dual Diode POW-R-BLOK??Modules 100 Amperes/1200-1600 Volts
RM20TPM-24 POWEREX-RM20TPM-24 Datasheet
59Kb / 2P
   Three-Phase Diode Bridge Modules (40 Amperes/1200-1600 Volts)
ME501210 POWEREX-ME501210 Datasheet
68Kb / 4P
   Three-Phase Diode Bridge Modules (100 Amperes/1200-1600 Volts)
ME601215 POWEREX-ME601215 Datasheet
463Kb / 4P
   Three-Phase Diode Bridge Modules (150 Amperes/1200-1600 Volts)
ME501206 POWEREX-ME501206 Datasheet
67Kb / 4P
   Three-Phase Diode Bridge Modules (60 Amperes/1200-1600 Volts)
ME701202 POWEREX-ME701202 Datasheet
75Kb / 4P
   Three-Phase Diode Bridge Modules (20 Amperes/1200-1600 Volts)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com