Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC2212 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce FDC2212
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2212 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button FDC2212 Datasheet HTML 4Page - Texas Instruments FDC2212 Datasheet HTML 5Page - Texas Instruments FDC2212 Datasheet HTML 6Page - Texas Instruments FDC2212 Datasheet HTML 7Page - Texas Instruments FDC2212 Datasheet HTML 8Page - Texas Instruments FDC2212 Datasheet HTML 9Page - Texas Instruments FDC2212 Datasheet HTML 10Page - Texas Instruments FDC2212 Datasheet HTML 11Page - Texas Instruments FDC2212 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
8.7 Switching Characteristics - I2C
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE LEVELS
VIH
Input high voltage
0.7
ˣVDD
V
VIL
Input low voltage
0.3
ˣVDD
V
VOL
Output low voltage (3 mA sink
0.4
V
current)
HYS
Hysteresis
0.1
ˣVDD
V
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114


Numéro de pièce similaire - FDC2212

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212-Q1 TI1-FDC2212-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2212DNTR TI1-FDC2212DNTR Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212DNTT TI1-FDC2212DNTT Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212QDNTRQ1 TI1-FDC2212QDNTRQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
More results

Description similaire - FDC2212

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
ams AG
TSL27721 AMSCO-TSL27721 Datasheet
848Kb / 56P
   Light-to-Digital Converter with Proximity Sensing
TSL27711 AMSCO-TSL27711 Datasheet
780Kb / 50P
   Light-to-Digital Converter with Proximity Sensing
TSL2771 AMSCO-TSL2771 Datasheet
780Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TSL2772 AMSCO-TSL2772 Datasheet
1Mb / 35P
   LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
ams AG
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
   COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
TEXAS ADVANCED OPTOELEC...
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com