Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP12N60M2 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STP12N60M2
Description  Extremely low gate charge
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12N60M2 Fiches technique(HTML) 5 Page - STMicroelectronics

  STP12N60M2 Datasheet HTML 1Page - STMicroelectronics STP12N60M2 Datasheet HTML 2Page - STMicroelectronics STP12N60M2 Datasheet HTML 3Page - STMicroelectronics STP12N60M2 Datasheet HTML 4Page - STMicroelectronics STP12N60M2 Datasheet HTML 5Page - STMicroelectronics STP12N60M2 Datasheet HTML 6Page - STMicroelectronics STP12N60M2 Datasheet HTML 7Page - STMicroelectronics STP12N60M2 Datasheet HTML 8Page - STMicroelectronics STP12N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STP12N60M2
Electrical characteristics
DocID027902 Rev 1
5/13
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
9
A
ISDM
(1)
Source-drain current
(pulsed)
-
36
A
VSD
(2)
Forward on voltage
VGS = 0 V, ISD = 9 A
-
1.6
V
trr
Reverse recovery time
ISD = 9 A, di/dt = 100 A/µs,
VDD = 60 V (see Figure 16:
"Test circuit for inductive
load switching and diode
recovery times")
-
284
ns
Qrr
Reverse recovery charge
-
2.4
µC
IRRM
Reverse recovery current
-
17
A
trr
Reverse recovery time
ISD = 9 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
(see Figure 16: "Test circuit
for inductive load switching
and diode recovery times")
-
404
ns
Qrr
Reverse recovery charge
-
3.5
µC
IRRM
Reverse recovery current
-
17.5
A
Notes:
(1)
Pulse width is limited by safe operating area.
(2)
Pulse test: pulse duration = 300 µs, duty cycle 1.5%.


Numéro de pièce similaire - STP12N60M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP12N65M2 STMICROELECTRONICS-STP12N65M2 Datasheet
675Kb / 13P
   N-channel 650 V, 0.42 typ., 8 A MDmeshTM M2 Power MOSFET in a TO-220 package
November 2017 Rev 1
STP12N65M5 STMICROELECTRONICS-STP12N65M5 Datasheet
1Mb / 23P
   N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
logo
Inchange Semiconductor ...
STP12N65M5 ISC-STP12N65M5 Datasheet
303Kb / 2P
   isc N-Channel Mosfet Transistor
logo
VBsemi Electronics Co.,...
STP12N65M5 VBSEMI-STP12N65M5 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Description similaire - STP12N60M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
   Extremely low gate charge
December 2015 Rev 1
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
   Extremely low gate charge
January 2015 Rev 1
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
June 2013 Rev 1
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
   Extremely low gate charge
May 2014 Rev 1
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
   Extremely low gate charge
June 2016 Rev 2
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
   Extremely low gate charge
August 2014 Rev 2
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
   Extremely low gate charge
December 2014 Rev 1
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
   Extremely low gate charge
January 2016 Rev 1
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
   Extremely low gate charge
December 2014 Rev 1
STB24N65M2 STMICROELECTRONICS-STB24N65M2 Datasheet
1Mb / 20P
   Extremely low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com