Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4448WS Fiches technique(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

No de pièce 1N4448WS
Description  FAST SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Site Internet  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

1N4448WS Fiches technique(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  1N4448WS Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. 1N4448WS Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N4448WS
0
200
400
600
800
1000
VF INSTANTANEOUS FORWARD VOLTAGE (mV)
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
FIG. 1- POWER DERATING CURVE
100
10
1.0
0.1
TA,AMBIENT TEMPERATURE(
*)
600
500
400
300
200
100
0
0
25
50
75
100
125
150
FIG. 3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
10
1.0
0.1
0.01
0.001
VR, REVERSE VOLTAGE (V)
FIG. 4- REVERSE RECOVERY TIME
VS FORWARD CURRENT
0
2
4
6
8
10
2.5
2.0
1.5
1.0
0.5
0
VR, FORWARD CURRENT (mA)
f=1MHz
TA=85
C
TA=50
C
TA=25
C
TA=0
C
TA=-30
C
TA=100
C
TA=75
C
TA=50
C
TA=25
C
TA=0
C
TA=-30
C
FIG. 5- TOTAL CAPACITANCE
VS REVERSE VOLTAGE
VR,REVERSE VOLTAGE (V)
4
3
2
1
0
0
1
2
3
4
5
6
www.shunyegroup.com.cn


Numéro de pièce similaire - 1N4448WS

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
1N4448WS JIANGSU-1N4448WS Datasheet
701Kb / 4P
   FAST SWITCHING DIODE
logo
Pan Jit International I...
1N4448WS PANJIT-1N4448WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Guangdong Juxing Electr...
1N4448WS JUXING-1N4448WS Datasheet
1Mb / 2P
   200mW Surface Mount Switching Didoe
logo
TAITRON Components Inco...
1N4448WS TAITRON-1N4448WS Datasheet
226Kb / 5P
   Two Terminals SMD Switching Diodes
logo
WILLAS ELECTRONIC CORP
1N4448WS WILLAS-1N4448WS Datasheet
454Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes
More results

Description similaire - 1N4448WS

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Shunye Electro...
1SS355 SY-1SS355 Datasheet
862Kb / 2P
   FAST SWITCHING DIODES
logo
Cystech Electonics Corp...
BAS21SH CYSTEKEC-BAS21SH Datasheet
239Kb / 5P
   Fast Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
   FAST SWITCHING DIODES
logo
MAKO SEMICONDUCTOR CO.,...
BAV19W MAKOSEMI-BAV19W Datasheet
246Kb / 2P
   FAST SWITCHING DIODES
BAV21W MAKOSEMI-BAV21W Datasheet
246Kb / 2P
   FAST SWITCHING DIODES
logo
Olitech Electronics Co....
LL103A OLITECH-LL103A Datasheet
367Kb / 2P
   FAST SWITCHING DIODES
logo
Nantong Hornby Electron...
1N4X48 HORNBY-1N4X48 Datasheet
306Kb / 4P
   FAST SWITCHING DIODES
logo
Vishay Siliconix
1N914 VISHAY-1N914_12 Datasheet
101Kb / 3P
   Fast Switching Diodes
Rev. 1.8, 17-Aug-10
logo
Shenzhen Ping Sheng Ele...
1N4448WS PFS-1N4448WS Datasheet
1Mb / 2P
   FAST SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS355 WINNERJOIN-1SS355_15 Datasheet
129Kb / 2P
   FAST SWITCHING DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com