Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACTQ533F Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54ACTQ533F
Description  Quiet Series Octal Transparent Latch with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ533F Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ533F Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ533F Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ533F Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ533F Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ533F Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ533F Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ533F Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ533F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ACTQ533
Quiet Series Octal Transparent Latch with TRI-STATE®
Outputs
General Description
The ACTQ533 consists of eight latches with TRI-STATE out-
puts for bus organized system applications. The flip-flops ap-
pear transparent to the data when Latch Enable (LE) is
HIGH. When LE is low, the data satisfying the input timing re-
quirements is latched. Data appears on the bus when the
Output Enable (OE) is LOW. When OE is HIGH, the bus out-
put is in the high impedance state.
The ACTQ533 utilizes NSC Quiet Series technology to guar-
antee quiet output switching and improve dynamic threshold
performance. FACT Quiet Seriesfeatures GTOoutput
control and undershoot corrector in addition to a split ground
bus for superior performance.
Features
n ICC and IOZ reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch up immunity
n Eight latches in a single package
n TRI-STATE outputs drive bus lines or buffer memory
address registers
n Outputs source/sink 24 mA
n Inverted version of the ACTQ373
n 4 kV minimum ESD immunity
Logic Symbols
Pin
Names
Description
D
0–D7
Data Inputs
LE
Latch Enable Input
OE
Output Enable Input
O
0–O7
TRI-STATE Latch
Outputs
GTOis a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
FACT Quiet Seriesis a trademark of Fairchild Semiconductor Corporation.
DS100241-1
IEEE/IEC
DS100241-2
August 1998
© 1998 National Semiconductor Corporation
DS100241
www.national.com


Numéro de pièce similaire - 54ACTQ533F

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541 NSC-54ACTQ541 Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541E-QMLV NSC-54ACTQ541E-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541J-QMLV NSC-54ACTQ541J-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541W-QMLV NSC-54ACTQ541W-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Description similaire - 54ACTQ533F

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com