Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPC6401ZFF Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce DLPC6401ZFF
Description  DLP Data Processor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401ZFF Fiches technique(HTML) 9 Page - Texas Instruments

Back Button DLPC6401ZFF Datasheet HTML 5Page - Texas Instruments DLPC6401ZFF Datasheet HTML 6Page - Texas Instruments DLPC6401ZFF Datasheet HTML 7Page - Texas Instruments DLPC6401ZFF Datasheet HTML 8Page - Texas Instruments DLPC6401ZFF Datasheet HTML 9Page - Texas Instruments DLPC6401ZFF Datasheet HTML 10Page - Texas Instruments DLPC6401ZFF Datasheet HTML 11Page - Texas Instruments DLPC6401ZFF Datasheet HTML 12Page - Texas Instruments DLPC6401ZFF Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
DLPC6401
www.ti.com
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
Pin Functions (continued)
PIN(1)
I/O (2)
INTERNAL TERMINATION
CLK SYSTEM
DESCRIPTION
NAME
NO.
POWER
TYPE
PERIPHERAL INTERFACE
UART_TXD
L19
VDD33
O2
Async
Transmit data output. Reserved for debug messages
UART_RXD
L21
VDD33
I4
Async
Receive data input. Reserved for debug messages
Ready to send hardware flow control output.
UART_RTS
M19
VDD33
O2
Async
Reserved for debug messages
Clear to send hardware flow control input. Reserved
UART_CTS
L20
VDD33
I4
Async
for debug messages
GENERAL PURPOSE I/O (GPIO) (7)
GPIO_37
K21
VDD33
B2
Async
None
GPIO_36
G1
VDD33
B2
Async
None
GPIO_35
H4
VDD33
B2
Async
None
GPIO_34
H3
VDD33
B2
Async
None
GPIO_33
H2
VDD33
B2
Async
None
GPIO_32
F22
VDD33
B2
Async
None
GPIO_31
G19
VDD33
B2
Async
None
GPIO_29
F20
VDD33
B2
Async
None
GPIO_28
E22
VDD33
B2
Async
None
GPIO_27
E21
VDD33
B2
Async
None
GPIO_25
D22
VDD33
B2
Async
None
GPIO_24
E20
VDD33
B2
Async
None
GPIO_23
D21
VDD33
B2
Async
None
GPIO_21
N20
VDD33
B2
Async
None
GPIO_20
N19
VDD33
B2
Async
None
GPIO_19
D18
VDD33
B2
Async
None
GPIO_18
C18
VDD33
B2
Async
None
GPIO_15
B19
VDD33
B2
Async
None
GPIO_14
B18
VDD33
B2
Async
None
GPIO_13
L2
VDD33
B2
Async
None
GPIO_12
M4
VDD33
B2
Async
None
GPIO_11
A19
VDD33
B2
Async
None
GPIO_10
C17
VDD33
B2
Async
None
GPIO_06
A18
VDD33
B2
Async
None
GPIO_05
D16
VDD33
B2
Async
None
GPIO_04
C16
VDD33
B2
Async
None
GPIO_03
B16
VDD33
B2
Async
None
GPIO_02
A17
VDD33
B2
Async
None
GPIO_00
C15
VDD33
B2
Async
None
OTHER INTERFACES
Feedback from fan to indicate fan is connected and
FAN_LOCKED
B17
VDD33
B2
Async
running
FAN_PWM
D15
VDD33
B2
Async
Fan PWM speed control
BOARD LEVEL TEST AND DEBUG
TDI
P18
VDD33
I4
Includes internal pullup
TCK
JTAG serial data in(8)
TCK
R18
VDD33
I4
Includes internal pullup
N/A
JTAG serial data clock(8)
TMS1
V15
VDD33
I4
Includes internal pullup
TCK
JTAG test mode select(8)
TDO1
L18
VDD33
O1
TCK
JTAG serial data out(8)
(7)
GPIO signals must be configured by software for input, output, bidirectional, or open-drain. Some GPIOs have one or more alternate use
modes, which are also software configurable. The reset default for all optional GPIOs is as an input signal. However, any alternate
function connected to these GPIO pins with the exception of general-purpose clocks and PWM generation, are reset. An external pullup
to the 3.3-V supply is required for each signal configured as open-drain. External pullup or pulldown resistors may be required to ensure
stable operation before software is able to configure these ports.
(8)
All JTAG signals are LVCMOS-compatible.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DLPC6401


Numéro de pièce similaire - DLPC6401ZFF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC6421 TI1-DLPC6421 Datasheet
740Kb / 48P
[Old version datasheet]   DLP Display Controller
DLPC6421 TI1-DLPC6421 Datasheet
712Kb / 49P
[Old version datasheet]   DLPC6421 DLP Display Controller
DLPC6421AZPC TI1-DLPC6421AZPC Datasheet
712Kb / 49P
[Old version datasheet]   DLPC6421 DLP Display Controller
DLPC6421ZPC TI1-DLPC6421ZPC Datasheet
740Kb / 48P
[Old version datasheet]   DLP Display Controller
DLPC6421ZPC TI1-DLPC6421ZPC Datasheet
712Kb / 49P
[Old version datasheet]   DLPC6421 DLP Display Controller
More results

Description similaire - DLPC6401ZFF

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
PT-LW271 PANASONIC-PT-LW271 Datasheet
1Mb / 12P
   DLP Projector
PT-LX321 PANASONIC-PT-LX321 Datasheet
974Kb / 11P
   DLP??Projector
PT-DZ780 PANASONIC-PT-DZ780 Datasheet
1Mb / 18P
   DLP??Projectors
PT-DZ870K PANASONIC-PT-DZ870K Datasheet
2Mb / 25P
   DLP??Projectors
PT-DX100K PANASONIC-PT-DX100K Datasheet
2Mb / 22P
   DLP??Projectors
PT-LW321 PANASONIC-PT-LW321 Datasheet
1Mb / 12P
   DLP Projector
PT-LX271 PANASONIC-PT-LX271 Datasheet
1Mb / 11P
   DLP??Projector
logo
Samsung semiconductor
S5A1903X01 SAMSUNG-S5A1903X01 Datasheet
128Kb / 20P
   DATA PROCESSOR
KD16903 SAMSUNG-KD16903 Datasheet
163Kb / 20P
   DATA PROCESSOR
logo
Texas Instruments
DLPC6421 TI1-DLPC6421 Datasheet
740Kb / 48P
[Old version datasheet]   DLP Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com