Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPC3439 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce DLPC3439
Description  Display Controller
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3439 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button DLPC3439 Datasheet HTML 2Page - Texas Instruments DLPC3439 Datasheet HTML 3Page - Texas Instruments DLPC3439 Datasheet HTML 4Page - Texas Instruments DLPC3439 Datasheet HTML 5Page - Texas Instruments DLPC3439 Datasheet HTML 6Page - Texas Instruments DLPC3439 Datasheet HTML 7Page - Texas Instruments DLPC3439 Datasheet HTML 8Page - Texas Instruments DLPC3439 Datasheet HTML 9Page - Texas Instruments DLPC3439 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
6
DLPC3439
DLPS057B – NOVEMBER 2014 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DLPC3439
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions – Board Level Test, Debug, and Initialization (continued)
PIN
I/O
DESCRIPTION
NAME
NUMBER
TSTPT_1
R13
B1
Test pin 1 (includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
RESETZ and then driven as an output.
Normal use: reserved for test output. Should be left open or unconnected for normal use.
Note: An external pullup should not be applied to this pin to avoid putting the DLPC3439 in a
test mode.
Without external pullup(2)
Feeds TMSEL(1)
With external pullup(3)
Feeds TMSEL(1)
TSTPT_2
R14
B1
Test pin 2 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
RESETZ and then driven as an output.
Normal use: reserved for test output. Should be left open or unconnected for normal use.
Note: An external pullup should not be applied to this pin to avoid putting the DLPC3439 in a
test mode.
Without external pullup(2)
Feeds TMSEL(2)
With external pullup(3)
Feeds TMSEL(2)
TSTPT_3
R15
B1
Test pin 3 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
RESETZ and then driven as an output.
Normal use: reserved for for test output. Should be left open or unconnected for normal use.
TSTPT_4
P14
B1
Test pin 4 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
RESETZ and then driven as an output.
Normal use: reserved for for test output. Should be left open or unconnected for normal use.
TSTPT_5
P15
B1
Test pin 5 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
RESETZ and then driven as an output.
Normal use: reserved for test output. Should be left open or unconnected for normal use.
TSTPT_6
N14
B1
Test pin 6 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
RESETZ and then driven as an output.
Normal use: reserved for test output. should be left open or unconnected for normal use.
Alternative use: none. External logic shall not unintentionally pull this pin high to avoid putting
the DLPC3439 in a test mode.
TSTPT_7
N15
B1
Test pin 7 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
RESETZ and then driven as an output.
Normal use: reserved for test output. should be left open or unconnected for normal use.


Numéro de pièce similaire - DLPC3439

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC3439 TI1-DLPC3439 Datasheet
846Kb / 39P
[Old version datasheet]   0.47 1080p DMD
More results

Description similaire - DLPC3439

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC3436 TI1-DLPC3436 Datasheet
170Kb / 8P
[Old version datasheet]   Display Controller
DLPC3437 TI1-DLPC3437 Datasheet
374Kb / 9P
[Old version datasheet]   Display Controller
DLPC3432 TI1-DLPC3432 Datasheet
2Mb / 60P
[Old version datasheet]   Display Controller
logo
Epson Company
S1D13513 EPSON-S1D13513 Datasheet
116Kb / 2P
   Display Controller
logo
Texas Instruments
DLPC3433 TI1-DLPC3433 Datasheet
1Mb / 62P
[Old version datasheet]   Display Controller
DLPC3430 TI1-DLPC3430 Datasheet
1Mb / 59P
[Old version datasheet]   Display Controller
logo
Fujitsu Component Limit...
MB88F322 FUJITSU-MB88F322 Datasheet
1Mb / 2P
   Graphics Display Controller
logo
Renesas Technology Corp
TW8832 RENESAS-TW8832 Datasheet
154Kb / 3P
   TFT Display Controller
logo
Grayhill, Inc
3J0005-200N GRAYHILL-3J0005-200N Datasheet
1Mb / 2P
   Vehicle Display Controller
logo
Renesas Technology Corp
TW8831 RENESAS-TW8831 Datasheet
119Kb / 2P
   TFT Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com