Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC081C085 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC081C085
Description  8-Bit Micro Power Digital-to-Analog Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC081C085 Fiches technique(HTML) 4 Page - Texas Instruments

  DAC081C085 Datasheet HTML 1Page - Texas Instruments DAC081C085 Datasheet HTML 2Page - Texas Instruments DAC081C085 Datasheet HTML 3Page - Texas Instruments DAC081C085 Datasheet HTML 4Page - Texas Instruments DAC081C085 Datasheet HTML 5Page - Texas Instruments DAC081C085 Datasheet HTML 6Page - Texas Instruments DAC081C085 Datasheet HTML 7Page - Texas Instruments DAC081C085 Datasheet HTML 8Page - Texas Instruments DAC081C085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Snap
Back
GND
D1
PIN
Snap
Back
GND
D1
PIN
V+
2.1k
41.5k
41.5k
ADR1
SDA
ADR0
VA
GND
VSSOP
1
2
4
7
8
3
SCL
6
5
VREF
VOUT
DAC081C085
ADR0
SCL
SDA
VOUT
VA
GND
SOT
1
2
3
5
4
6
DAC081C081
ADR0
SCL
SDA
VOUT
VA
GND
WSON
1
2
3
5
4
6
DAC081C081
4
DAC081C081, DAC081C085
SNAS449E – FEBRUARY 2008 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DAC081C081 DAC081C085
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
NGF Package
6-Pin WSON
Top View
DDC Package
6-Pin SOT
Top View
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN
TYPE
EQUIVALENT
CIRCUIT
DESCRIPTION
NAME
WSON
SOT
VSSOP
ADR0
1
6
1
Digital Input,
three levels
Tri-state Address Selection Input. Sets the two Least
Significant Bits (A1 and A0) of the 7-bit slave address.
(see Table 1)
ADR1
2
Digital Input,
three levels
Tri-state Address Selection Input. Sets Bits A6 and A3
of the 7-bit slave address. (see Table 1)
GND
4
3
5
Ground
Ground for all on-chip circuitry.
PAD
(WSON
only)
Ground
Exposed die attach pad can be connected to ground
or left floating. Soldering the pad to the PCB offers
optimal thermal performance and enhances package
self-alignment during reflow.
SCL
2
5
3
Digital Input
Serial Clock Input. SCL is used together with SDA to
control the transfer of data in and out of the device.
SDA
3
4
4
Digital
Input/Output
Serial Data bidirectional connection. Data is clocked
into or out of the internal 16-bit register relative to the
clock edges of SCL. This is an open drain data line
that must be pulled to the supply (VA) by an external
pullup resistor.
VA
5
2
6
Supply
Power supply input. For the SOT and WSON versions,
this supply is used as the reference. Must be
decoupled to GND.
VOUT
6
1
8
Analog
Output
Analog Output Voltage
VREF
7
Supply
Unbufferred reference voltage. For the VSSOP-8, this
supply is used as the reference. VREF must be free of
noise and decoupled to GND.


Numéro de pièce similaire - DAC081C085

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC081C085 NSC-DAC081C085 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C085CIMM NSC-DAC081C085CIMM Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C085CIMMX NSC-DAC081C085CIMMX Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
More results

Description similaire - DAC081C085

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com