Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC5681ZIRGCT Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC5681ZIRGCT
Description  Interpolating Digital-To-Analog Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5681ZIRGCT Fiches technique(HTML) 11 Page - Texas Instruments

Back Button DAC5681ZIRGCT Datasheet HTML 7Page - Texas Instruments DAC5681ZIRGCT Datasheet HTML 8Page - Texas Instruments DAC5681ZIRGCT Datasheet HTML 9Page - Texas Instruments DAC5681ZIRGCT Datasheet HTML 10Page - Texas Instruments DAC5681ZIRGCT Datasheet HTML 11Page - Texas Instruments DAC5681ZIRGCT Datasheet HTML 12Page - Texas Instruments DAC5681ZIRGCT Datasheet HTML 13Page - Texas Instruments DAC5681ZIRGCT Datasheet HTML 14Page - Texas Instruments DAC5681ZIRGCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
DAC5681Z
www.ti.com
SLLS865G – AUGUST 2007 – REVISED NOVEMBER 2015
Electrical Characteristics – Digital Specifications (continued)
over recommended operating free-air temperature range, AVDD, IOVDD = 3.3 V, CLKVDD, DVDD = 1.8-V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMOS INTERFACE: SDO, SDIO, SCLK, SDENB, RESETB
VIH
High-level input voltage
2
3
V
VIL
Low-level input voltage
0
0
0.8
V
IIH
High-level input current
±20
μA
IIL
Low-level input current
±20
μA
CMOS Input
CI
5
pF
capacitance
IOVDD
Iload = –100 μA
V
–0.2
VOH
SDO, SDIO
0.8 x
Iload = –2mA
V
IOVDD
Iload = 100 μA
0.2
V
VOL
SDO, SDIO
Iload = 2 mA
0.5
V
Set-up time, SDENB to
ts(SDENB)
20
ns
rising edge of SCLK
Set-up time, SDIO valid
ts(SDIO)
10
ns
to rising edge of SCLK
Hold time, SDIO valid
th(SDIO)
5
ns
to rising edge of SCLK
t(SCLK)
Period of SCLK
100
ns
t(SCLKH)
High time of SCLK
40
ns
t(SCLKL)
Low time of SCLK
40
ns
Data output delay after
td(Data)
10
ns
falling edge of SCLK
Minimum RESETB
tRESET
25
ns
pulse width
CLOCK INPUT (CLKIN/CLKINC)
Duty cycle
50%
Differential voltage(3)
0.4
1
V
CLKIN/CLKINC input
CLKVDD
V
common mode
÷2
(3)
Driving the clock input with a differential voltage lower than 1 V will result in degraded performance.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC5681Z


Numéro de pièce similaire - DAC5681ZIRGCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5681ZIRGCT TI-DAC5681ZIRGCT Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Description similaire - DAC5681ZIRGCT

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB86060 FUJITSU-MB86060 Datasheet
105Kb / 6P
   16-Bit Interpolating Digital to Analog Converter
logo
Texas Instruments
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
[Old version datasheet]   14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com