Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS9001-1IJ5 Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce TS9001-1IJ5
Description  1.6V Nanopower Comparator with Internal Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS9001-1IJ5 Fiches technique(HTML) 5 Page - Silicon Laboratories

  TS9001-1IJ5 Datasheet HTML 1Page - Silicon Laboratories TS9001-1IJ5 Datasheet HTML 2Page - Silicon Laboratories TS9001-1IJ5 Datasheet HTML 3Page - Silicon Laboratories TS9001-1IJ5 Datasheet HTML 4Page - Silicon Laboratories TS9001-1IJ5 Datasheet HTML 5Page - Silicon Laboratories TS9001-1IJ5 Datasheet HTML 6Page - Silicon Laboratories TS9001-1IJ5 Datasheet HTML 7Page - Silicon Laboratories TS9001-1IJ5 Datasheet HTML 8Page - Silicon Laboratories TS9001-1IJ5 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TS9001
TS9001 Rev. 1.0
Page 5
Reference Voltage vs Temperature
Hysteresis Voltage vs Temperature
Offset Voltage vs Temperature
Short-Circuit Source Current vs Temperature
Short-Circuit Sink Current vs Temperature
TS9001-1 Output Voltage High
vs Source Current and Temperature
SOURCE CURRENT- mA
0
8
12
16
4
0.4
0.3
0.2
0
0.1
120
100
80
40
60
120
100
60
80
-40
-15
35
60
85
10
1.4
1.6
1.8
2.0
2.2
2.4
TA = +25°C
TA = +85°C
TA = -40°C
VCC =+1.8V
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
TEMPERATURE -
°C
TEMPERATURE -
°C
140
TEMPERATURE -
°C
TEMPERATURE -
°C
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = +5V; VEE = 0V; CL = 15pF; VOVERDRIVE = 100mV; TA = +25°C, unless otherwise noted.
20
0.5
0.6
-40
-15
35
60
85
10
-40
-15
35
60
85
10
-40
-15
35
60
85
10
TEMPERATURE -
°C
-40
-15
35
60
85
10
20
0
40
0
20
2.6
5.5
5
4
4.5
3.5
2.5
3
VCC =+1.8V, 3V
VCC =+5V
VCC =+1.8V
VCC =+5V
VCC =+3V
1.260
1.252
1.246
1.240
1.250
1.254
1.256
1.258
1.248
1.244
1.242


Numéro de pièce similaire - TS9001-1IJ5

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS9001-1IJ5 TOUCHSTONE-TS9001-1IJ5 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
More results

Description similaire - TS9001-1IJ5

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com