Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3006 Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce TS3006
Description  Single Resistor Sets Output Frequency
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3006 Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button TS3006 Datasheet HTML 2Page - Silicon Laboratories TS3006 Datasheet HTML 3Page - Silicon Laboratories TS3006 Datasheet HTML 4Page - Silicon Laboratories TS3006 Datasheet HTML 5Page - Silicon Laboratories TS3006 Datasheet HTML 6Page - Silicon Laboratories TS3006 Datasheet HTML 7Page - Silicon Laboratories TS3006 Datasheet HTML 8Page - Silicon Laboratories TS3006 Datasheet HTML 9Page - Silicon Laboratories TS3006 Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TS3006
Page 6
TS3006 Rev. 1.0
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
FOUT
Fixed Frequency Output. A push-pull output stage with an
output resistance of 160
Ω. FOUT pin swings from GND to
VDD. For lowest power operation, capacitance loads
should be minimized and resistive loads should be
maximized.
2
NC
Non-Connect.
3,4,5,6
GND
Ground. Connect this pin to the system’s analog ground
plane.
7
VDD
Power Supply Voltage Input. The supply voltage range is
1.55V
≤ VDD ≤ 5.25V. Bypass this pin with a 0.1uF ceramic
coupling capacitor in close proximity to the TS3006.
8
RSET
FOUT Programming Resistor Input. A 4.32MOhm resistor
connected from this pin to ground sets the T3003’s internal
oscillator’s output period to 40µs (25KHz). For optimal
performance, the composition of the RSET resistor shall
be consistent with a tolerance of 1% or lower. The RSET
pin voltage is approximately 0.3V.
BLOCK DIAGRAM


Numéro de pièce similaire - TS3006

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006ITD833T TOUCHSTONE-TS3006ITD833T Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3006ITD833TP TOUCHSTONE-TS3006ITD833TP Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
More results

Description similaire - TS3006

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com