Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3001 Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce TS3001
Description  Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3001 Fiches technique(HTML) 4 Page - Silicon Laboratories

  TS3001 Datasheet HTML 1Page - Silicon Laboratories TS3001 Datasheet HTML 2Page - Silicon Laboratories TS3001 Datasheet HTML 3Page - Silicon Laboratories TS3001 Datasheet HTML 4Page - Silicon Laboratories TS3001 Datasheet HTML 5Page - Silicon Laboratories TS3001 Datasheet HTML 6Page - Silicon Laboratories TS3001 Datasheet HTML 7Page - Silicon Laboratories TS3001 Datasheet HTML 8Page - Silicon Laboratories TS3001 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TS3001
Page 4
TS3001 Rev. 1.0
PERIOD - µs
40
80
1.5
0.5
Supply Current vs FOUT Period
0
120
2
2.5
1
160
200
SUPPLY VOLTAGE - Volt
1.05
1.2
39.8
39.6
40.4
FOUT Period vs Supply Voltage
0.9
1.35
40
40.2
1.5
CLOAD- pF
10
20
1.2
0.8
1.8
Supply Current vs CLOAD(FOUT)
0
30
1.4
1.6
1
40
2
1.65
1.8
TEMPERATURE - ºC
1.08
0.8
Supply Current vs Temperature
1.22
1.36
0.94
1.5
-15
10
-40
35
60
85
SUPPLY VOLTAGE - Volt
1.2
1.24
1.1
1.66
Start-up Time vs Supply Voltage
0.9
1.38
1.52
1.5
1.8
1.8
TEMPERATURE - ºC
-15
10
39.5
39
FOUT Period vs Temperature
-40
35
40
60
85
40.5
41
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 1V, VCNTRL = VDD, RSET = 4.32MΩ, RLOAD(FOUT) = Open Circuit, CLOAD(FOUT) = 5pF, unless otherwise noted. Values are at TA = 25°C
unless otherwise noted.


Numéro de pièce similaire - TS3001

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011-M000 SEMTECH-TS30011-M000 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Description similaire - TS3001

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
Silicon Laboratories
TS3002 SILABS-TS3002 Datasheet
1Mb / 13P
   Easy-to-Use Silicon Oscillator/Timer
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
GPES207B1 GENERALPLUS-GPES207B1 Datasheet
280Kb / 13P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com