Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1108-200IQT1633 Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce TS1108-200IQT1633
Description  Portable/Battery-Powered Systems
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1108-200IQT1633 Fiches technique(HTML) 4 Page - Silicon Laboratories

  TS1108-200IQT1633 Datasheet HTML 1Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 2Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 3Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 4Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 5Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 6Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 7Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 8Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2.2 Current Sense Amplifier + Output Buffer
The internal configuration of the TS1108 bidirectional current-sense amplifier is a variation of the TS1101 bidirectional current-sense
amplifier. The TS1108 current-sense amplifier is configured for fully differential input/output operation.
Referring to the block diagram, the inputs of the TS1108’s differential input/output amplifier are connected to RS+ and RS– across an
external RSENSE resistor that is used to measure current. At the non-inverting input of the current-sense amplifier, the applied voltage
difference in voltage between RS+ and RS– is ILOAD x RSENSE. Since the RS– terminal is the non-inverting input of the internal op-amp,
the current-sense op-amp action drives PMOS[1/2] to drive current across RGAIN[A/B] to equalize voltage at its inputs.
Thus, since the M1 PMOS source is connected to the inverting input of the internal op-amp and since the voltage drop across RGAINA is
the same as the external VSENSE, the M1 PMOS drain-source current is equal to:
IDS(M 1) =
VSENSE
RGAINA
IDS(M 1) =
ILOAD × RSENSE
RGAINA
The drain terminal of the M1 PMOS is connected to the transimpedance amplifier’s gain resistor, ROUT, via the inverting terminal. The
non-inverting terminal of the transimpedance amplifier is internally connected to VBIAS, therefore the output voltage of the TS1108 at
the OUT terminal is:
VOUT = VBIAS − ILOAD × RSENSE ×
ROUT
RGAINA
When the voltage at the RS– terminal is greater than the voltage at the RS+ terminal, the external VSENSE voltage drop is impressed
upon RGAINB. The voltage drop across RGAINB is then converted into a current by the M2 PMOS. The M2 PMOS’ drain-source current
is the input current for the NMOS current mirror which is matched with a 1-to-1 ratio. The transimpedance amplifier sources the M2
PMOS drain-source current for the NMOS current mirror. Therefore the output voltage of the TS1108 at the OUT terminal is:
VOUT = VBIAS + ILOAD × RSENSE ×
ROUT
RGAINB
When M1 is conducting current (VRS+ > VRS–), the TS1108’s internal amplifier holds M2 OFF. When M2 is conducting current (VRS– >
VRS+), the internal amplifier holds M1 OFF. In either case, the disabled PMOS does not contribute to the resultant output voltage.
The current-sense amplifier’s gain accuracy is therefore the ratio match of ROUT to RGAIN[A/B]. For each of the two gain options availa-
ble, The following table lists the values for RGAIN[A/B].
Table 2.1. Internal Gain Setting Resistors (Typical Values)
GAIN (V/V)
RGAIN[A/B] (Ω)
ROUT (Ω)
Part Number
20
2 k
40 k
TS1108-20
200
200
40 k
TS1108-200
The TS1108 allows access to the inverting terminal of the transimpedance amplifier by the FILT pin, whereby a series RC filter may be
connected to reduce noise at the OUT terminal. The recommended RC filter is 4 kΩ and 0.47 µF connected in series from FILT to GND
to suppress the noise. Any capacitance at the OUT terminal should be minimized for stable operation of the buffer.
TS1108 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 3


Numéro de pièce similaire - TS1108-200IQT1633

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Description similaire - TS1108-200IQT1633

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Union Semiconductor, In...
UM8517P UNIONSEMI-UM8517P Datasheet
157Kb / 5P
   Battery-Powered Portable Equipments
logo
Renesas Technology Corp
ISL88705 RENESAS-ISL88705 Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com