Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1108-200IQT1633 Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce TS1108-200IQT1633
Description  Portable/Battery-Powered Systems
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1108-200IQT1633 Fiches technique(HTML) 1 Page - Silicon Laboratories

  TS1108-200IQT1633 Datasheet HTML 1Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 2Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 3Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 4Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 5Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 6Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 7Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 8Page - Silicon Laboratories TS1108-200IQT1633 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TS1108 Data Sheet
TS1108 Coulomb Counter: Bidirectional Current Sense Amplifier
with Integrator + Comparator
The TS1108 coulomb counter accurately measures battery depletion while also indicat-
ing the battery charging polarity. The battery discharge current is monitored by a current-
sense amplifier through an external sense resistor. Utilizing an Integrator and a Compa-
rator plus a Monoshot, the TS1108 voltage-to-frequency converter provides a series of
90 µs output pulses at COUT which represents an accumulation of coulombs flowing out
of the battery. The charge count frequency is adjustable by the integration resistor and
capacitor.
Applications
• Power Management Systems
• Portable/Battery-Powered Systems
• Smart Chargers
KEY FEATURES
• Coulomb Counting plus Charge Polarity
• Adjustable Charge Count Frequency
• External Crystal Oscillator Not Required
• Low Supply Current
• Current Sense Amplifier: 0.68 µA
• IVDD: 1.93 µA
• High Side Bidirectional Current Sense
Amplifier
• Wide CSA Input Common Mode Range: +2
V to +27 V
• Low CSA Input Offset Voltage: 150
µV(max)
• Low Gain Error: 1%(max)
• Two Gain Options Available:
• Gain = 20 V/V : TS1108-20
• Gain = 200 V/V : TS1108-200
• 16-Pin TQFN Packaging (3 mm x 3 mm)
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0


Numéro de pièce similaire - TS1108-200IQT1633

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Description similaire - TS1108-200IQT1633

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Union Semiconductor, In...
UM8517P UNIONSEMI-UM8517P Datasheet
157Kb / 5P
   Battery-Powered Portable Equipments
logo
Renesas Technology Corp
ISL88705 RENESAS-ISL88705 Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com