Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS1107-200ITQ1633 Datasheet(Fiches technique) 6 Page - Silicon Laboratories

Numéro de pièce TS1107-200ITQ1633
Description  Power Management Systems
Télécharger  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1107-200ITQ1633 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button TS1107-200ITQ1633 Datenblatt HTML 2Page - Silicon Laboratories TS1107-200ITQ1633 Datenblatt HTML 3Page - Silicon Laboratories TS1107-200ITQ1633 Datenblatt HTML 4Page - Silicon Laboratories TS1107-200ITQ1633 Datenblatt HTML 5Page - Silicon Laboratories TS1107-200ITQ1633 Datasheet HTML 6Page - Silicon Laboratories TS1107-200ITQ1633 Datenblatt HTML 7Page - Silicon Laboratories TS1107-200ITQ1633 Datenblatt HTML 8Page - Silicon Laboratories TS1107-200ITQ1633 Datenblatt HTML 9Page - Silicon Laboratories TS1107-200ITQ1633 Datenblatt HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2.7 Selecting a Sense Resistor
Selecting the optimal value for the external RSENSE is based on the following criteria and for each commentary follows:
1. RSENSE Voltage Loss
2. VOUT Swing vs. Desired VSENSE and Applied Supply Voltage at VDD
3. Total ILOAD Accuracy
4. Circuit Efficiency and Power Dissipation
5. RSENSE Kelvin Connections
2.7.1 RSENSE Voltage Loss
For lowest IR power dissipation in RSENSE, the smallest usable resistor value for RSENSE should be selected.
2.7.2 VOUT Swing vs. Desired VSENSE and Applied Supply Voltage at VDD
Although the Current Sense Amplifier draws its power from the voltage at its RS+ and RS– terminals, the signal voltage at the OUT
terminal is provided by a buffer, and is therefore bounded by the buffer’s output range. As shown in the Electrical Characteristics table,
the CSA Buffer has a maximum and minimum output voltage of:
VOUT (max ) = VDD(min) − 0.2V
VOUT (min ) = 0.2V
Therefore, the full-scale sense voltage should be chosen so that the OUT voltage is neither greater nor less than the maximum and
minimum output voltage defined above. To satisfy this requirement, the positive full-scale sense voltage, VSENSE(pos_max), should be
chosen so that:
VSENSE(pos_max) <
VBIAS − VOUT (min )
GAIN
The negative full-scale sense voltage, VSENSE(neg_min), should be chosen so that:
VSENSE(neg_min ) <
VOUT (max ) − VBIAS
GAIN
For best performance, RSENSE should be chosen so that the full-scale VSENSE is less than ±75 mV.
2.7.3 Total Load Current Accuracy
In the TS1107/10’s linear region where VOUT(min) < VOUT < VOUT(max), there are two specifications related to the circuit’s accuracy: a)
the TS1107/10 CSA’s input offset voltage (VOS(max) = 150 μV), b) the TS1107/10 CSA’s gain error (GE(max) = 1%). An expression for
the TS1110’s total error is given by:
VOUT = VBIAS − GAIN × (1 ± GE) × VSENSE ± (GAIN × VOS)
A large value for RSENSE permits the use of smaller load currents to be measured more accurately because the effects of offset voltag-
es are less significant when compared to larger VSENSE voltages. Due care though should be exercised as previously mentioned with
large values of RSENSE.
2.7.4 Circuit Efficiency and Power Dissipation
IR loses in RSENSE can be large especially at high load currents. It is important to select the smallest, usable RSENSE value to minimize
power dissipation and to keep the physical size of RSENSE small. If the external RSENSE is allowed to dissipate significant power, then
its inherent temperature coefficient may alter its design center value, thereby reducing load current measurement accuracy. Precisely
because the TS1107/10 CSA’s input stage was designed to exhibit a very low input offset voltage, small RSENSE values can be used to
reduce power dissipation and minimize local hot spots on the pcb.
TS1107/10 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn