Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFY450H Fiches technique(PDF) 2 Page - Infineon Technologies AG

No de pièce BFY450H
Description  HiRel NPN Silicon RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFY450H Fiches technique(HTML) 2 Page - Infineon Technologies AG

  BFY450H Datasheet HTML 1Page - Infineon Technologies AG BFY450H Datasheet HTML 2Page - Infineon Technologies AG BFY450H Datasheet HTML 3Page - Infineon Technologies AG BFY450H Datasheet HTML 4Page - Infineon Technologies AG BFY450H Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BFY450
Semiconductor Group
2 of 5
Draft B, September 99
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
4.5
V
Collector-base voltage
VCBO
15
V
Emitter-base voltage
VEBO
1.5
V
Collector current
IC
100
mA
Base current
IB
10
mA
Total power dissipation,
TS
≤ 110°C
1), 2)
Ptot
450
mW
Junction temperature
Tj
175
°C
Operating temperature range
Top
-65...+175
°C
Storage temperature range
Tstg
-65...+175
°C
Thermal Resistance
Junction-soldering point
2)
Rth JS
<
145
K/W
Notes.:
1) At TS = + 110 °C. For TS > + 110 °C derating is required.
2) TS is measured on the collector lead at the soldering point to the pcb.
Electrical Characteristics
at TA=25°C; unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-base cutoff current
VCB = 5 V, IE = 0
ICBO
-
-
100
nA
Collector-emitter cutoff current
1.)
VCE = 4.5 V, IB = 1.0µA
ICEX
-
-
200
(t.b.d.)
µA
Emitter-base cuttoff current
VEB = 1.5 V, IC = 0
IEBO
--
50
µA
DC current gain
IC = 20 mA, VCE = 1 V
hFE
50
90
150
-
Notes:
1.) This Test assures V(BR)CE0 > 4.5V


Numéro de pièce similaire - BFY450H

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BFY450 INFINEON-BFY450 Datasheet
146Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY450 INFINEON-BFY450_11 Datasheet
146Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
More results

Description similaire - BFY450H

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BFY420 INFINEON-BFY420 Datasheet
406Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY193 INFINEON-BFY193_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY182 INFINEON-BFY182 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 1999
BFY183 INFINEON-BFY183 Datasheet
42Kb / 5P
   HiRel NPN Silicon RF Transistor
Jul. 0101
BFY196 INFINEON-BFY196 Datasheet
437Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY182 INFINEON-BFY182_11 Datasheet
148Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY420 INFINEON-BFY420_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405_11 Datasheet
145Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405 Datasheet
434Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY183 INFINEON-BFY183_11 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY180 INFINEON-BFY180 Datasheet
29Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com