Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62740EVM-186 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS62740EVM-186
Description  TPS62740EVM-186 Evaluation Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62740EVM-186 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS62740EVM-186 Datasheet HTML 4Page - Texas Instruments TPS62740EVM-186 Datasheet HTML 5Page - Texas Instruments TPS62740EVM-186 Datasheet HTML 6Page - Texas Instruments TPS62740EVM-186 Datasheet HTML 7Page - Texas Instruments TPS62740EVM-186 Datasheet HTML 8Page - Texas Instruments TPS62740EVM-186 Datasheet HTML 9Page - Texas Instruments TPS62740EVM-186 Datasheet HTML 10Page - Texas Instruments TPS62740EVM-186 Datasheet HTML 11Page - Texas Instruments TPS62740EVM-186 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
VIN
GND
S+
S-
OFF
GND
GND
VOUT
S+
S-
PG
2.2V - 5.5V
EN
300 mA max
ON
LOW
VSEL1
HIGH
LOW
VSEL2
HIGH
LOW
VSEL3
HIGH
LOW
VSEL4
HIGH
LOAD_OFF
CTRL
LOAD_ON
LOAD
GND
S+
S-
1.8V to 3.3V
1
Not Installed
1
1
1
1
C3
J1
J2
J3
J4
J5
J6
C1
10uF
J7
1
2
3
JP1
C6
C5
100uF
C2
10uF
C4
1
2
3
JP2
1
2
3
JP3
1
2
3
JP4
1
2
3
JP5
1
2
3
JP6
L1
2.2uH
J8
1 VIN
2
SW
3
GND
4 CTRL
5
VOUT
6
LOAD
7
PG
8 VSEL4
9 VSEL3
10 VSEL2
11 VSEL1
12 EN
13
ETPAD
U1
TPS62740DSS
C7
10uF
R1
1.00M
J9
J10
TP1
VIN
VIN
VIN
VIN
VIN
VIN
VIN
Schematic and Bill of Materials
www.ti.com
6
Schematic and Bill of Materials
This section provides the TPS62740EVM-186 schematic and bill of materials.
6.1
Schematic
Figure 6. TPS62740EVM-186 Schematic
8
TPS62740EVM-186 Evaluation Module
SLVU949 – November 2013
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Numéro de pièce similaire - TPS62740EVM-186

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
More results

Description similaire - TPS62740EVM-186

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
logo
Recom International Pow...
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
   Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
   Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
   Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
   Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
   Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Texas Instruments
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
[Old version datasheet]   Evaluation module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com