Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPC3430ZVBR Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce DLPC3430ZVBR
Description  Display Controller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3430ZVBR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button DLPC3430ZVBR Datasheet HTML 7Page - Texas Instruments DLPC3430ZVBR Datasheet HTML 8Page - Texas Instruments DLPC3430ZVBR Datasheet HTML 9Page - Texas Instruments DLPC3430ZVBR Datasheet HTML 10Page - Texas Instruments DLPC3430ZVBR Datasheet HTML 11Page - Texas Instruments DLPC3430ZVBR Datasheet HTML 12Page - Texas Instruments DLPC3430ZVBR Datasheet HTML 13Page - Texas Instruments DLPC3430ZVBR Datasheet HTML 14Page - Texas Instruments DLPC3430ZVBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11
DLPC3430, DLPC3435
www.ti.com
DLPS038B – JULY 2014 – REVISED FEBRUARY 2016
Product Folder Links: DLPC3430 DLPC3435
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions – Clock and PLL Support
PIN
I/O
DESCRIPTION
NAME
NUMBER
PLL_REFCLK_I
H1
I11
Reference clock crystal input. If an external oscillator is used in place of a crystal, then this pin
should be used as the oscillator input.
PLL_REFCLK_O
J1
O5
Reference clock crystal return. If an external oscillator is used in place of a crystal, then this pin
should be left unconnected (that is floating with no added capacitive load).
(1)
The only power sequencing restrictions are:
(a) The VDDLP12 supply must be powered-on at exactly the same time or after the VDD11 supply.
(b) The VDD11 supply should ramp up with a 1-ms minimum rise time.
(c) The reverse is needed at power down.
Pin Functions – Power and Ground(1)
PIN
I/O
DESCRIPTION
NAME
NUMBER
VDD
C5, D5, D7, D12, J4, J12, K3, L4, L12, M6,
M9, D9, D13, F13, H13, L13, M10, D3, E3
PWR
Core power 1.1 V (main 1.1 V)
VDDLP12
C3
PWR
Core power 1.1 V
VSS
Common to all package types
C4, D6, D8, D10, E4, E13, F4, G4, G12, H4,
H12, J3, J13, K4, K12, L3, M4, M5, M8, M12,
G13, C6, C8
Only available on DLPC343x
F6, F7, F8, F9, F10, G6, G7, G8, G9, G10,
H6, H7, H8, H9, H10, J6, J7, J8, J9, J10, K6,
K7, K8, K9, K10
GND
Core ground (eDRAM, I/O ground, thermal ground)
VCC18
C7, C9, D4, E12, F12, K13, M11
PWR
All 1.8-V I/O power:
(1.8-V power supply for all I/O other than the host or parallel
interface and the SPI flash interface. This includes RESETZ,
PARKZ LED_SEL, CMP, GPIO, IIC1, TSTPT, and JTAG pins)
VCC_INTF
M3, M7, N3, N7
PWR
Host or parallel interface I/O power: 1.8 to 3.3 V (Includes IIC0,
PDATA, video syncs, and HOST_IRQ pins)
VCC_FLSH
D11
PWR
Flash interface I/O power:1.8 to 3.3 V
(Dedicated SPI0 power pin)
VDD_PLLM
H2
PWR
MCG PLL 1.1-V power
VSS_PLLM
G3
RTN
MCG PLL return
VDD_PLLD
J2
PWR
DCG PLL 1.1-V power
VSS_PLLD
H3
RTN
DCG PLL return
Table 1. I/O Type Subscript Definition
I/O
SUPPLY REFERENCE
ESD STRUCTURE
SUBSCRIPT
DESCRIPTION
1
1.8 LVCMOS I/O buffer with 8-mA drive
Vcc18
ESD diode to GND and supply rail
2
1.8 LVCMOS I/O buffer with 4-mA drive
Vcc18
ESD diode to GND and supply rail
3
1.8 LVCMOS I/O buffer with 24-mA drive
Vcc18
ESD diode to GND and supply rail
4
1.8 sub-LVDS output with 4-mA drive
Vcc18
ESD diode to GND and supply rail
5
1.8, 2.5, 3.3 LVCMOS with 4-mA drive
Vcc_INTF
ESD diode to GND and supply rail
6
1.8 LVCMOS input
Vcc18
ESD diode to GND and supply rail
7
1.8-, 2.5-, 3.3-V I2C with 3-mA drive
Vcc_INTF
ESD diode to GND and supply rail
8
1.8-V I2C with 3-mA drive
Vcc18
ESD diode to GND and supply rail
9
1.8-, 2.5-, 3.3-V LVCMOS with 8-mA drive
Vcc_INTF
ESD diode to GND and supply rail
11
1.8, 2.5, 3.3 LVCMOS input
Vcc_INTF
ESD diode to GND and supply rail
12
1.8-, 2.5-, 3.3-V LVCMOS input
Vcc_FLSH
ESD diode to GND and supply rail
13
1.8-, 2.5-, 3.3-V LVCMOS with 8-mA drive
Vcc_FLSH
ESD diode to GND and supply rail


Numéro de pièce similaire - DLPC3430ZVBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC3430 TI1-DLPC3430 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
More results

Description similaire - DLPC3430ZVBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC3436 TI1-DLPC3436 Datasheet
170Kb / 8P
[Old version datasheet]   Display Controller
DLPC3439 TI1-DLPC3439 Datasheet
2Mb / 63P
[Old version datasheet]   Display Controller
DLPC3437 TI1-DLPC3437 Datasheet
374Kb / 9P
[Old version datasheet]   Display Controller
DLPC3432 TI1-DLPC3432 Datasheet
2Mb / 60P
[Old version datasheet]   Display Controller
logo
Epson Company
S1D13513 EPSON-S1D13513 Datasheet
116Kb / 2P
   Display Controller
logo
Texas Instruments
DLPC3433 TI1-DLPC3433 Datasheet
1Mb / 62P
[Old version datasheet]   Display Controller
logo
Fujitsu Component Limit...
MB88F322 FUJITSU-MB88F322 Datasheet
1Mb / 2P
   Graphics Display Controller
logo
Renesas Technology Corp
TW8832 RENESAS-TW8832 Datasheet
154Kb / 3P
   TFT Display Controller
logo
Grayhill, Inc
3J0005-200N GRAYHILL-3J0005-200N Datasheet
1Mb / 2P
   Vehicle Display Controller
logo
Renesas Technology Corp
TW8831 RENESAS-TW8831 Datasheet
119Kb / 2P
   TFT Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com