Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPC2607ZVB Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce DLPC2607ZVB
Description  PICO Processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC2607ZVB Fiches technique(HTML) 5 Page - Texas Instruments

  DLPC2607ZVB Datasheet HTML 1Page - Texas Instruments DLPC2607ZVB Datasheet HTML 2Page - Texas Instruments DLPC2607ZVB Datasheet HTML 3Page - Texas Instruments DLPC2607ZVB Datasheet HTML 4Page - Texas Instruments DLPC2607ZVB Datasheet HTML 5Page - Texas Instruments DLPC2607ZVB Datasheet HTML 6Page - Texas Instruments DLPC2607ZVB Datasheet HTML 7Page - Texas Instruments DLPC2607ZVB Datasheet HTML 8Page - Texas Instruments DLPC2607ZVB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
DLPC2607
www.ti.com
DLPS030C – DECEMBER 2013 – REVISED NOVEMBER 2015
Pin Functions (1) (continued)
PIN
I/O
CLOCK
DESCRIPTION
SYSTEM
NAME
NO.
POWER
TYPE
LED DRIVER INTERFACE
General-purpose I/O 1 (output only). If the PAD1000 is not used, then this output
must be used as the red LED PWM signal used to control the LED current.(8) If the
GPIO1_RPWM
N8
O14
Async
PAD1000 is used, then this output can be used as a general purpose output
controlled by the WPC processor.
General-purpose I/O 2 (output only). If the PAD1000 is not used, then this output
must be used as the green LED PWM signal used to control the LED current.(8) If
GPIO2_GPWM
P9
O14
Async
the PAD1000 is used, then this output can be used as a general purpose output
controlled by the WPC processor.
General-purpose I/O 3 (output only). If the PAD1000 is not used, then this output
must be used as the blue LED PWM signal used to control the LED current.(8) If
GPIO3_BPWM
R8
O14
Async
the PAD1000 is used, then this output can be used as a general-purpose output
controlled by the WPC processor.
LED enable SELECT. Controlled by programmable DMD sequence timing
LED_SEL_0
R6
O14
Async
(hysteresis buffer).
LED_SEL(1:0)
Selected LED
VCC18
00
None
01
Red
LED_SEL_1
N6
O14
Async
10
Green
11
Blue
These outputs should be input directly to the PAD1000 if used. If the PAD1000 is
not used, then a decode circuit is required to decode the selected LED enable.
LED driver enable. Active-high output control to external LED driver logic (master
LEDDRV_ON
P7
O14
Async
enable). It is driven high 100 ms after LED_ENABLE is driven high and driven low
immediately when either LED_ENABLE or PARK is driven low.
DMD power regulator enable (active high). This is an active-high output that should
be used to control DMD VOFFSET, VBIAS, and VRESET voltages. DMD_PWR_EN is
driven high when the PARK input signal is set high. However, DMD_PWR_EN is
DMD_PWR_EN
K14
O14
Async
held high for 500 µs after the PARK input signal is set low before it is driven low.
TI recommends a weak external pulldown resistor to keep this signal at a known
state during power-up reset.
WHITE POINT CORRECTION LIGHT SENSOR I/F
Successive approximation ADC comparator output (DLPC2607 input). Assumes a
successive approximation ADC is implemented with either a light sensor or
CMP_OUT
A6
I1
Async
thermocouple or both feeding one input of an external comparator and the other
side of the comparator driven from the CMP_PWM pin of the ASIC. If this function
is not used, pull it down to ground (hysteresis buffer).
Successive approximation comparator pulse-width modulation input. Supplies a
VCC_ 18
PWM signal to drive the successive approximation ADC Comparator used in light-
CMP_PWM
B7
O14
Async
to-voltage light sensor applications. If this function is not used, leave it
unconnected.
Power control signal for the WPC light sensor and other analog support circuits
using the DLPC2607 ADC. Alternately, it provides general purpose I/O to the WPC
GPIO0_CMPPWR
P5
B14
Async
microprocessor internal to the DLPC2607 device. If not used, leave it unconnected
(hysteresis buffer).
Manufacturing test enable signal. It should be connected directly to ground on the
HWTEST_EN
A9
VCC _INTF
I3
N/A
PCB for typical operation. Includes weak internal pulldown.
JTAG, serial data in. Includes weak internal pullup. (When JTAGRSTZ is held low,
JTAGTDI
P6
JTAGTCK
this input can be used as ICP/ WPC debug port RXD.)
I1
JTAGTCK
N5
N/A
JTAG, serial data clock. Includes weak internal pullup.
JTAGTMS
N7
VCC _18
JTAGTCK
JTAG, test mode select. Includes weak internal pullup.
JTAGTDO
R7
O14
JTAGTCK
JTAG, serial data out
JTAG, RESET (active low). Includes weak internal pullup. This signal must be tied
JTAGRSTZ
P8
I1
ASYNC
to ground, through an external
≤15-kΩ resistor, for typical operation.
(8)
The PAD1000 is not available for initial DLPC2607 design applications. When the PAD1000 is not used, all LED PWM signals are
forced high when LEDDRV_ON = 0, software LED control is disabled, or the sequence stops.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DLPC2607


Numéro de pièce similaire - DLPC2607ZVB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
[Old version datasheet]   DLP Digital Controller
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
[Old version datasheet]   DLP Digital Controller for the DLP5500 DMD
DLPC200ZEW TI-DLPC200ZEW Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
More results

Description similaire - DLPC2607ZVB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPP0100 STMICROELECTRONICS-STPP0100 Datasheet
98Kb / 9P
   Laser pico projection specific image-processor
November 2012
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
   Intel Atom Processor E3900 Series 2.5 Pico-ITX
WL051 DFI-WL051 Datasheet
877Kb / 2P
   8th Gen Intel Core Processor 2.5" Pico-ITX
logo
Axiomtek Co., Ltd.
PICO313 AXIOMTEK-PICO313 Datasheet
446Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350, LVDS
logo
DFI Inc
BW051 DFI-BW051 Datasheet
755Kb / 2P
   Intel Pentium/Celeron Processor N3000 Family 2.5 Pico-ITX
logo
GSR Technology Ltd
BW051 GSR-BW051 Datasheet
1Mb / 2P
   Intel짰 Pentium짰/Celeron짰 Processor N3000 Family 2.5" Pico-ITX
logo
AAEON Technology
PICO-V2K4-SEMI AAEON-PICO-V2K4-SEMI Datasheet
420Kb / 2P
   PICO-SEMI with AMD RYZEN™ V2000 embedded Processor Family
2022/11/22
logo
BCM Advanced Research.
EPX-APLP BCM-EPX-APLP Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Axiomtek Co., Ltd.
PICO843 AXIOMTEK-PICO843_17 Datasheet
303Kb / 1P
   Pico-ITX SBC with Intel Celeron Processor J1900/N2807, LVDS/VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com