Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPC300 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce DLPC300
Description  DLP Digital Controller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300 Fiches technique(HTML) 5 Page - Texas Instruments

  DLPC300_15 Datasheet HTML 1Page - Texas Instruments DLPC300_15 Datasheet HTML 2Page - Texas Instruments DLPC300_15 Datasheet HTML 3Page - Texas Instruments DLPC300_15 Datasheet HTML 4Page - Texas Instruments DLPC300_15 Datasheet HTML 5Page - Texas Instruments DLPC300_15 Datasheet HTML 6Page - Texas Instruments DLPC300_15 Datasheet HTML 7Page - Texas Instruments DLPC300_15 Datasheet HTML 8Page - Texas Instruments DLPC300_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
DLPC300
www.ti.com
DLPS023C – JANUARY 2012 – REVISED AUGUST 2015
Pin Functions (continued)
PIN
I/O
I/O
CLK SYSTEM
DESCRIPTION
POWER
TYPE
NAME
NO.
CONTROL
I2C clock. Bidirectional, open-drain signal. An external
pullup is required. No I2C activity is permitted for a
SCL
A10
VCC_ INTF
B38
N/A
minimum of 100 ms after PARK and RESET are set
high.
I2C data. Bidirectional, open-drain signal. An external
SDA
C10
VCC_ INTF
B38
SCL
pullup is required.
Primary usage is to indicate when auto-initialization is
complete, which is when INIT_DONE transitions high
INIT_DONE
C9
VCC_ INTF
B34
Async
then low following release of RESET. INIT_DONE also
helps flag a detected error condition in the form of a
logic-high, pulsed interrupt flag.
PARALLEL RGB INTERFACE
PARALLEL RGB MODE
BT.656 I/F MODE
PCLK
D13
VCC_ INTF
I3
N/A
Pixel clock(2)
Pixel clock(2)
Not used, pulldown through
Not used, pulldown through an
PDM
H15
VCC_ INTF
B34
ASYNC
an external resistor.
external resistor.
VSYNC
H14
VCC_ INTF
I3
ASYNC
VSync(3)
Unused(4)
HSYNC
H13
VCC_ INTF
I3
PCLK
HSync(3)
Unused(4)
DATEN
G15
VCC_ INTF
I3
PCLK
Data valid(2)
Unused(4)
PDATA[0]
G14
VCC_ INTF
I3
PCLK
Data0(5)
Data0(5)
PDATA[1]
G13
VCC_ INTF
I3
PCLK
Data1(5)
Data1(5)
PDATA[2]
F15
VCC_ INTF
I3
PCLK
Data2(5)
Data2(5)
PDATA[3]
F14
VCC_ INTF
I3
PCLK
Data3(5)
Data3(5)
PDATA[4]
F13
VCC_ INTF
I3
PCLK
Data4(5)
Data4(5)
PDATA[5]
E15
VCC_ INTF
I3
PCLK
Data5(5)
Data5(5)
PDATA[6]
E14
VCC_ INTF
I3
PCLK
Data6(5)
Data6(5)
PDATA[7]
E13
VCC_ INTF
I3
PCLK
Data7(5)
Data7(5)
PDATA[8]
D15
VCC_ INTF
I3
PCLK
Data8(5)
Unused(4)
PDATA[9]
D14
VCC_ INTF
I3
PCLK
Data9(5)
Unused(4)
PDATA[10]
C15
VCC_ INTF
I3
PCLK
Data10(5)
Unused(4)
PDATA[11]
C14
VCC_ INTF
I3
PCLK
Data11(5)
Unused(4)
PDATA[12]
C13
VCC_ INTF
I3
PCLK
Data12(5)
Unused(4)
PDATA[13]
B15
VCC_ INTF
I3
PCLK
Data13(5)
Unused(4)
PDATA[14]
B14
VCC_ INTF
I3
PCLK
Data14(5)
Unused(4)
PDATA[15]
A15
VCC_ INTF
I3
PCLK
Data15(5)
Unused(4)
PDATA[16]
A14
VCC_ INTF
I3
PCLK
Data16(5)
Unused(4)
PDATA[17]
B13
VCC_ INTF
I3
PCLK
Data17(5)
Unused(4)
PDATA[18]
A13
VCC_ INTF
I3
PCLK
Data18(5)
Unused(4)
PDATA[19]
C12
VCC_ INTF
I3
PCLK
Data19(5)
Unused(4)
PDATA[20]
B12
VCC_ INTF
I3
PCLK
Data20(5)
Unused(4)
PDATA[21]
A12
VCC_ INTF
I3
PCLK
Data21(5)
Unused(4)
PDATA[22]
C11
VCC_ INTF
I3
PCLK
Data22(5)
Unused(4)
PDATA[23]
B11
VCC_ INTF
I3
PCLK
Data23(5)
Unused(4)
(2)
Pixel clock capture edge is software programmable.
(3)
VSYNC, HSYNC and data valid polarity is software programmable.
(4)
Unused inputs should be pulled down to ground through an external resistor.
(5)
PDATA[23:0] bus mapping is pixel-format and source-mode dependent. See later sections for details.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DLPC300


Numéro de pièce similaire - DLPC300_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC300ZVB TI1-DLPC300ZVB Datasheet
726Kb / 39P
[Old version datasheet]   DLP짰 Digital Controller for the DLP3000 DMD
More results

Description similaire - DLPC300_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
[Old version datasheet]   DLP Digital Controller
DLPC200 TI1-DLPC200_17 Datasheet
1Mb / 52P
[Old version datasheet]   DLP Digital Controller for the DLP5500 DMD
DLPC1438 TI-DLPC1438 Datasheet
698Kb / 14P
[Old version datasheet]   DLPC1438 Digital Controller for DLP 3D Printers
DLPC6421 TI1-DLPC6421 Datasheet
740Kb / 48P
[Old version datasheet]   DLP Display Controller
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
[Old version datasheet]   DLP Digital Controller for the DLP4500 DMD
DLPC350 TI-DLPC350 Datasheet
1Mb / 50P
[Old version datasheet]   DLP Digital Controller for the DLP4500 DMD
DLPC4422 TI1-DLPC4422 Datasheet
191Kb / 7P
[Old version datasheet]   DLP Display Controller
DLPC4422 TI1-DLPC4422_V01 Datasheet
1Mb / 49P
[Old version datasheet]   DLPC4422 DLP Display Controller
DLPC6421 TI1-DLPC6421_V01 Datasheet
712Kb / 49P
[Old version datasheet]   DLPC6421 DLP Display Controller
logo
Panasonic Semiconductor
PT-LW271 PANASONIC-PT-LW271 Datasheet
1Mb / 12P
   DLP Projector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com