Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPA3000DPFD Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce DLPA3000DPFD
Description  PMIC and High-Current LED Driver IC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA3000DPFD Fiches technique(HTML) 10 Page - Texas Instruments

Back Button DLPA3000DPFD Datasheet HTML 6Page - Texas Instruments DLPA3000DPFD Datasheet HTML 7Page - Texas Instruments DLPA3000DPFD Datasheet HTML 8Page - Texas Instruments DLPA3000DPFD Datasheet HTML 9Page - Texas Instruments DLPA3000DPFD Datasheet HTML 10Page - Texas Instruments DLPA3000DPFD Datasheet HTML 11Page - Texas Instruments DLPA3000DPFD Datasheet HTML 12Page - Texas Instruments DLPA3000DPFD Datasheet HTML 13Page - Texas Instruments DLPA3000DPFD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
DLPA3000
DLPS052 – OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range. VIN = 12 V, TA = 0 to +70°C, typical values are at TA = 25°C, configuration
according to Typical Applications (VIN =12 V, IOUT = 6 A, LED, internal FETs) (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DMD - LDO DMD
VDRST_VIN
6
12
20
V
VDRST_5P5V
5.5
V
Rising
80%
PGOOD
Power good DRST_5P5V
Falling
60%
Overvoltage protection
OVP
7.2
V
DRST_5P5V
Regulator dropout
At 25 mA, VDRST_VIN= 5.5 V
56
mV
Regulator current limit(2)
300
340
400
mA
DMD - REGULATOR
Switch A (from DRST_5P5V to
920
DRST_HS_IND)
RDS(ON)
MOSFET ON-resistance
m
Ω
Switch B (from DRST_LS_IND to
450
DRST_PGND)
Switch C (from DRST_LS_IND to
DRST_VBIAS(2)), VDRST_LS_IND = 2 V, IF =
1.21
100 mA
VFW
Forward voltage drop
V
Switch D (from DRST_LS_IND to
DRST_VOFFSET (2)), VDRST_LS_IND = 2 V,
1.22
IF = 100 mA
tDIS
Rail Discharge time
COUT= 1 µF
40
µs
tPG
Power-good timeout
Not tested in production
15
ms
ILIMIT
Switch current limit
DMD type TRP
610
mA
VOFFSET REGULATOR
VOFFSET
Output voltage
DMD type TRP
10
V
DC output voltage accuracy
DMD type TRP, IOUT= 10 mA
-0.3
0.3
V
DC Load regulation
DMD type TRP, IOUT= 0 to 10 mA
–10
V/A
DMD type TRP, IOUT= 10 mA, DRST_VIN = 8
DC Line regulation
–5
mV/V
V to 20 V
VRIPPLE
Output ripple
DMD type TRP, IOUT= 10 mA, COUT= 1 µF
200
mVpp
IOUT
Output current
DMD type TRP
0.1
10
mA
Power-good threshold
VOFFSET rising
86%
PGOOD
(fraction of nominal output
VOFFSET falling
66%
voltage)
DMD type TRP, recommended value (use
1
same value as output capacitor on VRESET)
C
Output capacitor
µF
tDISCHARGE <40 µs at VIN = 8 V
1
VBIAS REGULATOR
VBIAS
Output voltage
DMD type TRP
18
V
DC output voltage accuracy
DMD type TRP, IOUT= 10 mA
–0.3
0.3
V
DC Load regulation
DMD type TRP, IOUT= 0 to 10 mA
–18
V/A
DMD type TRP, IOUT= 10 mA, DRST_VIN = 8
DC Line regulation
–3
mV/V
V to 20 V
VRIPPLE
Output ripple
DMD type TRP, IOUT= 10 mA, COUT= 470 nF
200
mVpp
IOUT
Output current
DMD type TRP
0.1
10
mA
Power-good threshold
VBIAS rising
86%
PGOOD
(fraction of nominal output
VBIAS falling
66%
voltage)
(2)
Including rectifying diode.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Numéro de pièce similaire - DLPA3000DPFD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPA3000 TI1-DLPA3000 Datasheet
846Kb / 39P
[Old version datasheet]   0.47 1080p DMD
DLPA3000 TI1-DLPA3000 Datasheet
145Kb / 5P
[Old version datasheet]   0.33 1080p DMD
DLPA3000 TI1-DLPA3000 Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLPA3000 TI-DLPA3000 Datasheet
579Kb / 6P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
DLPA3000 TI-DLPA3000 Datasheet
698Kb / 14P
[Old version datasheet]   DLPC1438 Digital Controller for DLP 3D Printers
More results

Description similaire - DLPA3000DPFD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPA3005 TI1-DLPA3005 Datasheet
1Mb / 75P
[Old version datasheet]   PMIC and High-Current LED Driver IC
DLPA4000 TI1-DLPA4000 Datasheet
2Mb / 79P
[Old version datasheet]   PMIC and High-Current LED Driver
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Nippon Precision Circui...
SM8150A NPC-SM8150A Datasheet
343Kb / 22P
   PMIC with White LED Driver
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
   High Current LED Flash Driver Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com