Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1101-100EG6 Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce TS1101-100EG6
Description  High Side Bidirectional and Unidirectional Current Sense Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1101-100EG6 Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button TS1101-100EG6 Datasheet HTML 4Page - Silicon Laboratories TS1101-100EG6 Datasheet HTML 5Page - Silicon Laboratories TS1101-100EG6 Datasheet HTML 6Page - Silicon Laboratories TS1101-100EG6 Datasheet HTML 7Page - Silicon Laboratories TS1101-100EG6 Datasheet HTML 8Page - Silicon Laboratories TS1101-100EG6 Datasheet HTML 9Page - Silicon Laboratories TS1101-100EG6 Datasheet HTML 10Page - Silicon Laboratories TS1101-100EG6 Datasheet HTML 11Page - Silicon Laboratories TS1101-100EG6 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
3. Electrical Characteristics
Table 3.1. Recommended Operating Conditions1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
System Specifications
Operating Voltage Range
VDD
1.25
5.5
V
Common-Mode Input Range
VCM
VRS+, Guaranteed by CMRR
2
27
V
Note:
1. All devices 100% production tested at TA = +25 °C. Limits over Temperature are guaranteed by design and characterization.
Table 3.2. DC Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
System Specifications
No Load Input Supply Current
IRS+ + IRS–2
TA = +25 °C
0.68
0.85
µA
1.0
VRS+ = 25 V
TA = +25 °C
1.0
1.2
IVDD
0.02
0.2
Current Sense Amplifier
Common Mode Rejection Ratio
CMRR
2 V < VRS+ < 27 V
120
130
dB
Input Offset Voltage3
VOS
TS1100 and
TS1101
TA = +25 °C
±30
±100
µV
–40 °C < TA < +85 °C
±200
TS1102 and
TS1103
TA = +25 °C
±30
±200
–40 °C < TA < + 85 °C
±300
VOS Hysteresis4
VHYS
TA = +25 °C
10
µV
Gain
G
TS1100,
TS1101,
TS1102,
TS1103
TS110x-25
25
V/V
TS110x-50
50
TS110x-100
100
TS110x-200
200
Gain Error5
GE
TA = +25 °C
±0.1
±0.6
%
–40 °C < TA < +85 °C
±1
%
Gain Match5
GM
TA = +25 °C
±0.2
±0.6
%
–40 °C < TA < +85 °C
±1
%
Output Resistance6
ROUT
TS110x-25/50/100
28.0
40.0
52
kΩ
TS110x-200
14.0
20.0
26.4
TS1100/01/02/03 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 7


Numéro de pièce similaire - TS1101-100EG6

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS1101-100EG6T TOUCHSTONE-TS1101-100EG6T Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TS1101-100EG6TP TOUCHSTONE-TS1101-100EG6TP Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
More results

Description similaire - TS1101-100EG6

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com