Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLP5500BFYA Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce DLP5500BFYA
Description  0.55 XGA Series
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLP5500BFYA Fiches technique(HTML) 11 Page - Texas Instruments

Back Button DLP5500BFYA Datasheet HTML 7Page - Texas Instruments DLP5500BFYA Datasheet HTML 8Page - Texas Instruments DLP5500BFYA Datasheet HTML 9Page - Texas Instruments DLP5500BFYA Datasheet HTML 10Page - Texas Instruments DLP5500BFYA Datasheet HTML 11Page - Texas Instruments DLP5500BFYA Datasheet HTML 12Page - Texas Instruments DLP5500BFYA Datasheet HTML 13Page - Texas Instruments DLP5500BFYA Datasheet HTML 14Page - Texas Instruments DLP5500BFYA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
50%
50%
tc
fclock = 1 / tc
SCPCLK
SCPDI
50%
tSCP_SKEW
SCPD0
50%
tSCP_DELAY
DLP5500
www.ti.com
DLPS013F – APRIL 2010 – REVISED MAY 2015
8.7 Timing Requirements
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
LVDS TIMING PARAMETERS (See Figure 9)
tc
Clock Cycle DLCK_A or DCLKC_B
5
ns
tw
Pulse Width DCLK_A or DCLK_B
2.5
ns
ts
Setup Time, D_A[0:15] before DCLK_A
.35
ns
ts
Setup Time, D_B[0:15] before DCLK_B
.35
ns
th
Hold Time, D_A[0:15] after DCLK_A
.35
ns
th
Hold Time, D_B[0:15] after DCLK_B
.35
ns
tskew
Channel B relative to Channel A
–1.25
1.25
ns
LVDS WAVEFORM REQUIREMENTS (See Figure 6)
|VID|
Input Differential Voltage (absolute difference)
100
400
600
mV
VCM
Common Mode Voltage
1200
mV
VLVDS
LVDS Voltage
0
2000
mV
tr
Rise Time (20% to 80%)
100
400
ps
tr
Fall Time (80% to 20%)
100
400
ps
SERIAL CONTROL BUS TIMING PARAMETERS (See Figure 3 and Figure 4)
fSCP_CLK
SCP Clock Frequency
50
500
kHz
tSCP_SKEW
Time between valid SCP_DI and rising edge of SCP_CLK
–300
300
ns
tSCP_DELAY
Time between valid SCP_DO and rising edge of SCP_CLK
2600
ns
Time between falling edge of SCP_EN and the first rising edge of
tSCP_EN
30
ns
SCP_CLK
tr_SCP
Rise time for SCP signals
200
ns
tfP
Fall time for SCP signals
200
ns
Figure 3. Serial Communications Bus Timing Parameters
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DLP5500


Numéro de pièce similaire - DLP5500BFYA

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP5500FYA TI-DLP5500FYA Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP5500FYAT TI-DLP5500FYAT Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
More results

Description similaire - DLP5500BFYA

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLP550JE TI1-DLP550JE Datasheet
658Kb / 34P
[Old version datasheet]   0.55 XGA DMD
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
logo
Advantech Co., Ltd.
WOP-215K ADVANTECH-WOP-215K Datasheet
442Kb / 2P
   15" XGA Operator Panel Installed 15" XGA Operator Panel Installed
10-Aug-2021
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
MTL004 ETC1-MTL004 Datasheet
361Kb / 54P
   XGA Flat Panel Controller
GM5110 ETC1-GM5110 Datasheet
1Mb / 51P
   XGA/SXGA LCD Controller
logo
AAEON Technology
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
   1 DIAMETER 0.55 AMP 28 VDC
logo
PHOENIX CONTACT
1201694 PHOENIX-1201694 Datasheet
77Kb / 5P
   Speed starter - CSS 0.55-3/3
11/10/2021
logo
List of Unclassifed Man...
MTL005 ETC-MTL005 Datasheet
353Kb / 50P
   XGA Flat Panel Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com