Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLP5500 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce DLP5500
Description  0.55 XGA Series
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLP5500 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button DLP5500 Datasheet HTML 2Page - Texas Instruments DLP5500 Datasheet HTML 3Page - Texas Instruments DLP5500 Datasheet HTML 4Page - Texas Instruments DLP5500 Datasheet HTML 5Page - Texas Instruments DLP5500 Datasheet HTML 6Page - Texas Instruments DLP5500 Datasheet HTML 7Page - Texas Instruments DLP5500 Datasheet HTML 8Page - Texas Instruments DLP5500 Datasheet HTML 9Page - Texas Instruments DLP5500 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
DLP5500
DLPS013F – APRIL 2010 – REVISED MAY 2015
www.ti.com
Pin Functions (continued)
PIN(1)
TYPE
DATA
INTERNAL
TRACE
SIGNAL
CLOCK
DESCRIPTION
(I/O/P )
RATE(2)
TERM(3)
(mils)(4)
NAME
NO.
POWER
B11,B12,B1
3,B16,R12,
Power for LVCMOS
VCC
Power
Analog
R13,R16,R1
Logic
7
A12,A14,A1
Power supply for LVDS
VCCI
6,T12,T14,T
Power
Analog
Interface
16
C1,D1,M1,N
Power for High Voltage
VCC2
Power
Analog
1
CMOS Logic
A6,A11,A13,
A15,A17,B4,
B5,B8,B14,
B15,B17,C2
,C18,C19,F
1,F2,F19,H1
Common return for all
VSS
,H2,H3,H18,
Power
Analog
power inputs
J18,K1,K2,L
19,N2,P18,
P19,R4,R9,
R14,R15,T7
,T13,T15,T1
7
RESERVED SIGNALS (Not for use in system)
RESERVED_R7
R7
Input
LVCMOS
Pull-Down
RESERVED_R8
R8
Input
LVCMOS
Pull-Down
Pins should be
connected to VSS
RESERVED_T8
T8
Input
LVCMOS
Pull-Down
RESERVED_B6
B6
Input
LVCMOS
Pull-Down
A3, A7,
A10, B2,
B3, B10,
E3, F3, K3,
L3, P1, P2,
P3, R1, R2,
NO_CONNECT
DO NOT CONNECT
R3, R5, R6,
R10, R11,
T1, T2, T3,
T4, T5, T6,
T9, T10,
T11
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DLP5500


Numéro de pièce similaire - DLP5500

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP5500FYA TI-DLP5500FYA Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP5500FYAT TI-DLP5500FYAT Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
More results

Description similaire - DLP5500

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLP550JE TI1-DLP550JE Datasheet
658Kb / 34P
[Old version datasheet]   0.55 XGA DMD
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
logo
Advantech Co., Ltd.
WOP-215K ADVANTECH-WOP-215K Datasheet
442Kb / 2P
   15" XGA Operator Panel Installed 15" XGA Operator Panel Installed
10-Aug-2021
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
MTL004 ETC1-MTL004 Datasheet
361Kb / 54P
   XGA Flat Panel Controller
GM5110 ETC1-GM5110 Datasheet
1Mb / 51P
   XGA/SXGA LCD Controller
logo
AAEON Technology
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
   1 DIAMETER 0.55 AMP 28 VDC
logo
PHOENIX CONTACT
1201694 PHOENIX-1201694 Datasheet
77Kb / 5P
   Speed starter - CSS 0.55-3/3
11/10/2021
logo
List of Unclassifed Man...
MTL005 ETC-MTL005 Datasheet
353Kb / 50P
   XGA Flat Panel Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com