Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLP2010 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce DLP2010
Description  WVGA DMD
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2010 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button DLP2010 Datasheet HTML 4Page - Texas Instruments DLP2010 Datasheet HTML 5Page - Texas Instruments DLP2010 Datasheet HTML 6Page - Texas Instruments DLP2010 Datasheet HTML 7Page - Texas Instruments DLP2010 Datasheet HTML 8Page - Texas Instruments DLP2010 Datasheet HTML 9Page - Texas Instruments DLP2010 Datasheet HTML 10Page - Texas Instruments DLP2010 Datasheet HTML 11Page - Texas Instruments DLP2010 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Micromirror Landed Duty Cycle
0/100 5/95 10/90 15/85 20/80 25/75 30/70 35/65 40/60 45/55
30
40
50
60
70
80
D001
50/50
100/0
95/5
90/10
85/15
80/20
75/25
70/30
65/35
60/40
55/45
DLP2010
DLPS046A – JULY 2014 – REVISED APRIL 2015
www.ti.com
Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted)
(1)(2)(3)
MIN
NOM
MAX
UNIT
ENVIRONMENTAL
TARRAY
Array Temperature – long-term operational(11)(12)(13)
0
40 to 70(13)
°C
Array Temperature – short-term operational(12)(14)
–20
75
TWINDOW
Window temperature – operational(11)(15)
90
°C
|TDELTA |
Absolute Temperature difference between any point
30
°C
on the window edge and the ceramic test point TP1
(16)
ILLUV
Illumination wavelengths < 400 nm (11)
0.68
mW/cm2
ILLVIS
Illumination wavelengths between 400 nm and 700 nm
Thermally limited
ILLIR
Illumination wavelengths >700 nm
10
mW/cm2
(11) Simultaneous exposure of the DMD to the maximum Recommended Operating Conditions for temperature and UV illumination will
reduce device lifetime.
(12) The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 18 and the Package Thermal Resistance using Micromirror Array Temperature Calculation.
(13) Per Figure 1, the maximum operational array temperature should be derated based on the micromirror landed duty cycle that the DMD
experiences in the end application. Refer to Micromirror Landed-On/Landed-Off Duty Cycle for a definition of micromirror landed duty
cycle.
(14) Array temperatures beyond those specified as long-term are recommended for short-term conditions only (power-up). Short-term is
defined as cumulative time over the usable life of the device and is less than 500 hours for temperatures between long-term maximum
and 75°C, less than 500 hours for temperatures between 0°C and -10°C, and less than 25 hours for temperatures between -10°C and -
20°C.
(15) Window temperature is the highest temperature on the window edge shown in Figure 18. The locations of thermal test points TP2 and
TP3 in Figure 18 are intended to measure the highest window edge temperature. If a particular application causes another point on the
window edge to result in a larger delta temperature, that point should be used.
(16) Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge shown in
Figure 18 . The window test points TP2 and TP3 shown in Figure 18 are intended to result in the worst case delta temperature. If a
particular application causes another point on the window edge to result in a larger delta temperature, that point should be used.
SPACE
Figure 1. Max Recommended Array Temperature – Derating Curve
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLP2010


Numéro de pièce similaire - DLP2010

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLP2010 TI1-DLP2010 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLP2010 TI1-DLP2010 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP2010AFQJ TI1-DLP2010AFQJ Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP2010FQJ TI1-DLP2010FQJ Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLP2010FQJ TI1-DLP2010FQJ Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
More results

Description similaire - DLP2010

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLP2010 TI1-DLP2010_16 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
[Old version datasheet]   0.3 WVGA S450 DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
[Old version datasheet]   0.3-In WVGA DMD
DLP2010LC TI1-DLP2010LC Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
[Old version datasheet]   0.2 WVGA Near-Infrared DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP3000 TI1-DLP3000_17 Datasheet
1,020Kb / 37P
[Old version datasheet]   DLP 0.3 WVGA Series 220 DMD
DLP3021-Q1 TI1-DLP3021-Q1_V01 Datasheet
593Kb / 39P
[Old version datasheet]   DLP3021-Q1 0.3-Inch WVGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com