Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4844-B-DEMO Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI4844-B-DEMO
Description  Si4844-B DEMO BOARD USERS GUIDE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4844-B-DEMO Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI4844-B-DEMO Datasheet HTML 1Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 2Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 3Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 4Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 5Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev. 0.1 5/13
Copyright © 2016 by Silicon Laboratories
Si4844-B-DEMO
Si4844-B-DEMO
Si4844-B D EMO B OARD U SER S G UIDE
1.
Features
ATDD (analog tune and digital display) FM/AM/SW radio
Worldwide FM band support from 64 to 109 MHz with 5 default sub-bands:

FM1 87–108 MHz (Demo Board Default)

FM2 86.5–109 MHz

FM3 87.3 –108.25 MHz

FM4 76– 90 MHz

FM5 64–87 MHz (Demo Board Default)
Worldwide AM band support from 504 kHz to 1750 kHz with 5 default sub-bands:

AM1 520–1710 kHz (Demo Board Default)

AM2 522–1620 kHz (Demo Board Default)

AM3 504–1665 kHz

AM4 520–1730 kHz

AM5 510 –1750 kHz
Worldwide SW band support from 2.3 to 22 MHz with 16 default sub-bands:

SW1 5.6–6.4 MHz (DEMO Board Default)

SW2 5.95–6.2 MHz

SW3 6.8–7.6 MHz (DEMO Board Default)

SW4 7.1–7.6 MHz

SW5 9.2 –10 MHz (DEMO Board Default)

SW6 9.2–9.9 MHz

SW7 11.45 –12.25 MHz (DEMO Board Default)

SW8 11.6–12.2 MHz

SW9 13.4–14.2 MHz (DEMO Board Default)

SW10 13.57 - 13.87 MHz

SW11 15–15.9 MHz (DEMO Board Default)

SW12 15.1–15.8 MHz

SW13 17.1–18 MHz (DEMO Board Default)

SW14 17.48–17.9 MHz

SW15 21.2–22 MHz (DEMO Board Default)

SW16 21.45–21.85 MHz
Supports wider FM/SW band range
Twelve positions slide switch or one push button for selecting different bands according to the target
application
Two AAA battery operations with working voltage down to 2.0 V
Economical potentiometer for frequency tuning replaces more expensive variable capacitor (PVC)
Potentiometer and/or push button volume control
FM 50 µs or 75 µs (default) de-emphasis
9-level Bass/Treble via push button control for FM
7-level Bass/Treble via push button control for AM/ SW
FM/AM/SW band indicator and frequency display in LCD
2×4 matrix keypad
The frequency range of each band, de-emphasis, and AM channel space can be re-configured by host
MCU.


Numéro de pièce similaire - SI4844-B-DEMO

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4844-B20 SILABS-SI4844-B20 Datasheet
1Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4844-B20 SKYWORKS-SI4844-B20 Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
SI4844-B20-GU SKYWORKS-SI4844-B20-GU Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
More results

Description similaire - SI4844-B-DEMO

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com