Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4836-DEMO Fiches technique(PDF) 2 Page - Silicon Laboratories

No de pièce SI4836-DEMO
Description  Si4836 DEMO BOARD USERS GUIDE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4836-DEMO Fiches technique(HTML) 2 Page - Silicon Laboratories

  SI4836-DEMO Datasheet HTML 1Page - Silicon Laboratories SI4836-DEMO Datasheet HTML 2Page - Silicon Laboratories SI4836-DEMO Datasheet HTML 3Page - Silicon Laboratories SI4836-DEMO Datasheet HTML 4Page - Silicon Laboratories SI4836-DEMO Datasheet HTML 5Page - Silicon Laboratories SI4836-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4836-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4836-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4836-DEMO Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Si4836-DEMO
2
Rev. 0.1
2. Overview
This user’s guide describes the operation of the Silicon Labs Si4836-DEMO board rev1.1, Nov 20, 2012. The
Silicon Laboratories Si4836-DEMO board is designed with the 16-pin SOIC packaged Si4836 chip, the
revolutionary single chip AM/FM/SW receiver that integrates everything from antenna input to audio output and
allows use of common and economical potentiometers to do the frequency tuning. It provides a complete portable
analog tune analog display AM/FM/SW radio design. The Si4836-DEMO is designed with 1-layer PCB, allowing
the lowest cost without sacrificing the RF performance. The demo board works with two AAA batteries and working
voltage down to 2.0 V.
AM2
522–1620 kHz
9k
Demo Board Default
AM3
504–1665 kHz
9k
AM4
522–1728 kHz / 520–1730 kHz
9k / 10k
AM5
510–1750 kHz
10k
SW1
SW Wide Band
SW Narrow Band
2.3–10.0 MHz
2.30–2.49 MHz
SW2
3.2–7.6 MHz
3.20–3.40 MHz
Demo Board Default
SW3
3.2–10.0 MHz
3.90–4.00 MHz
Demo Board Default
SW4
3.7–12.5 MHz
4.75–5.06 MHz
SW5
3.9–7.5 MHz
5.6–6.4 MHz
SW6
5.6–22 MHz
5.95–6.2 MHz
SW7
5.8–12.1 MHz
6.8–7.6 MHz
SW8
5.9–9.50 MHz
7.1–7.6 MHz
SW9
5.9–18.0 MHz
9.2–10 MHz
Demo Board Default
SW10
7.0–16.0 MHz
11.45–12.25 MHz
Demo Board Default
SW11
7.0–23.0 MHz
11.6 –12.2 MHz
Demo Board Default
SW12
9.0–16.0 MHz
13.4–14.2 MHz
SW13
9.0–22.0 MHz
13.57–13.87 MHz
Demo Board Default
SW14
9.5–18.0 MHz
15–15.9 MHz
Demo Board Default
SW15
10.0–16.0 MHz
17.1–18 MHz
SW16
10.0–22.0 MHz
17.48–17.9 MHz
Demo Board Default
SW17
13.0–18.0 MHz
21.2–22 MHz
SW18
18.0–28.5 MHz
21.45 –21.85 MHz
Table 1. Si4836 Band Sequence Definition
Band
Name
Band Frequency Range
De-emphasis (FM)
Channel Space (AM)
Note


Numéro de pièce similaire - SI4836-DEMO

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4836-A10-GS SKYWORKS-SI4836-A10-GS Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results

Description similaire - SI4836-DEMO

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com