Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4826-DEMO Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI4826-DEMO
Description  Si4822/26 DEMO BOARD USERS GUIDE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4826-DEMO Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI4826-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 9Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 10Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 11Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 12Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 13Page - Silicon Laboratories SI4826-DEMO Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Si4822/26-DEMO
10
Rev. 0.1
4.2. FM/AM/SW Radio Mode
In time mode, the device will enter FM/AM/SW mode after a long press (hold time > 1s) of the POWER/BAND
button or when the alarm time is reached. The LCD displays the following information: band indicator, band
frequency indicator, and sleep indicator in case the radio is automatically turned on by the alarm.
The demo board display in FM/AM/SW mode is illustrated in Figure 3.
Figure 3. LCD Display in FM Radio Mode
The demo board provides two methods to select the radio band: one is to use the slide switch (S2), the other is to
use the POWER/BAND push button. S14 determines which method is in use.
The demo board also provides two methods to set the band property: one is to use tuner default values, the other
is to use the keypad to reconfigure band property value via the MCU. S13 determines which method is in use. If
you use the tuner default values, the band property is fixed and cannot be re-configured. Refer to Section "4.2.1.
MCU Setting Band Property” for the operation details for setting the band property using the keypad.
To operate the demo board, follow these procedures:
1. According to the desired radio band selection method, set S14 to use the slide switch or push button.
2. According to the desired radio band property, set S13 to use tuner default values or reconfigure the band
property.
3. Hold the POWER/BAND push button (hold time > 1s) or when the alarm time is reached, the device will
enter FM/AM/SW mode.
4. Use slide switch S2 or press the POWER/BAND push button to select the desired band.
5. Refer to section "4.2.1. MCU Setting Band Property” or section "4.2.2. MCU Setting Radio Working Mode”
to reconfigure the band property or radio working mode if necessary.
6. Rotate the tuning wheel and find the desired radio station with the help of the LCD display and/or tuning
indicator D1.
7. Rotate the volume control wheel VR2 and/or press the DOWN/VOL- or UP/VOL+ button to get a
comfortable volume. Press the BASS/TMR or TREBLE/AL button to get the desired bass/treble level.
Notes:
For FM listening, the earphone cable must be connected to the board when S12 is set to HP ANT or an
external antenna must be connected to the BNC connector when S12 is set to BNC.
For AM listening, the ferrite antenna must be connected to the board and the S11 is set to Ferrite before
turning on the radio or switching the band to AM.


Numéro de pièce similaire - SI4826-DEMO

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4826-A10 SILABS-SI4826-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
More results

Description similaire - SI4826-DEMO

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
AN603 SILABS-AN603 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com