Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4820-DEMO Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI4820-DEMO
Description  Si4820/24 DEMO BOARD USER?셎 GUIDE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4820-DEMO Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI4820-DEMO Datasheet HTML 1Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 2Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 3Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 4Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 5Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Si4820/24-DEMO
4
Rev. 0.1
Main Components:
U1: Silicon Laboratories Si482x AM/FM/SW ATAD receiver
U2: Audio amplifier
Frequency scale: The analog display for tuning frequency
Control Interface:
VR1: Frequency tuning wheel.
VR2: Volume control wheel
S3,S4: The push buttons for volume control
S2: Band switch for FM, AM and SW
1: FM1 (87–108 MHz)
2: FM5 (64–87 MHz)
3: AM1 (520–1710 kHz)
4: AM2 (522–1620 kHz)
5:SW1 (5.6–6.4 MHz)
6:SW3 (6.8–7.6 MHz)
7:SW5 (9.2–10.0 MHz)
8:SW7 (11.45–12.25 MHz)
9:SW9 (13.4–14.2 MHz)
10:SW11 (15–15.9 MHz)
11:SW13 (17.1–18 MHz)
12:SW15 (21.2– 22 MHz)
3
2
1
45
6
78
9
11
10
12


Numéro de pièce similaire - SI4820-DEMO

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4820-A10-CU SKYWORKS-SI4820-A10-CU Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
More results

Description similaire - SI4820-DEMO

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
International Rectifier
IRISMPS5 IRF-IRISMPS5 Datasheet
467Kb / 11P
   IRISMPS5 DEMO BOARD USER GUIDE
logo
Freescale Semiconductor...
MC56F8006DEMO FREESCALE-MC56F8006DEMO Datasheet
3Mb / 13P
   Demo board user?셲 guide
logo
Silicon Laboratories
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
PICDEMPIC18 MICROCHIP-PICDEMPIC18 Datasheet
1Mb / 38P
   PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
2008
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Maxim Integrated Produc...
AN4811 MAXIM-AN4811 Datasheet
1Mb / 216P
   MAXQ FAMILY USER?셎 GUIDE
Rev: 6; 9/08
logo
Silicon Laboratories
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com