Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACTQ16540 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54ACTQ16540
Description  16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ16540 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  54ACTQ16540 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ16540 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ16540 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ16540 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ16540 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DC Electrical Characteristics for ’ACTQ Family Devices (Continued)
Symbol
Parameter
V
CC
(V)
54ACTQ
Units
Conditions
T
A = −55˚C
to +125˚C
Guaranteed Limits
V
OLP
Quiet Output
5.0
0.8
V
Maximum Dynamic
V
OL
(Note 4)
V
OLV
Quiet Output
5.0
-0.8
V
Minimum Dynamic
V
OL
(Note 4)
Note 2: All outputs loaded; thresholds associated with output under test.
Note 3: Maximum test duration 2.0 ms; one output loaded at a time.
Note 4: Maximum number of outputs that can switch simultaneously is n. (n − 1) outputs are switched HIGH and one output held HIGH.
AC Electrical Characteristics
Symbol
Parameter
V
CC
(V)
(Note 5)
54ACTQ
Units
T
A = −55˚C to +125˚C
C
L = 50 pF
Min
Max
t
PLH,
Propagation Delay
5.0
3.0
9.0
ns
t
PHL
Data to Output
3.0
9.5
t
PZH,
Output Enable
5.0
3.0
10.0
ns
t
PZL
Time
3.0
11.0
t
PHZ,
Output Disable
5.0
2.5
10.5
ns
t
PLZ
Time
2.5
10.5
Note 5: Voltage Range 5.0 is 5.0V ±0.5V.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Pin Capacitance
4.5
pF
V
CC = 5.0V
C
PD
Power Dissipation
30
pF
V
CC = 5.0V
www.national.com
4


Numéro de pièce similaire - 54ACTQ16540

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACTQ16541 NSC-54ACTQ16541 Datasheet
70Kb / 5P
   16-Bit Buffer/Line Driver with TRI-STATE Outputs
More results

Description similaire - 54ACTQ16540

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ABT16244 NSC-54ABT16244 Datasheet
195Kb / 10P
   16-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16244 NSC-54ACTQ16244 Datasheet
74Kb / 6P
   16-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16541 NSC-54ACTQ16541 Datasheet
70Kb / 5P
   16-Bit Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com