Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4707-B20 Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI4707-B20
Description  WEATHER BAND AND SAME DATA RECEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4707-B20 Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI4707-B20 Datasheet HTML 1Page - Silicon Laboratories SI4707-B20 Datasheet HTML 2Page - Silicon Laboratories SI4707-B20 Datasheet HTML 3Page - Silicon Laboratories SI4707-B20 Datasheet HTML 4Page - Silicon Laboratories SI4707-B20 Datasheet HTML 5Page - Silicon Laboratories SI4707-B20 Datasheet HTML 6Page - Silicon Laboratories SI4707-B20 Datasheet HTML 7Page - Silicon Laboratories SI4707-B20 Datasheet HTML 8Page - Silicon Laboratories SI4707-B20 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Si4707-B20
4
Rev. 0.8
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
VDD
2.7
5.5
V
Interface Supply Voltage
VIO
1.5
3.6
V
Power Supply Powerup Rise Time
VDDRISE
10
µs
Interface Power Supply Powerup Rise Time
VIORISE
10
µs
Ambient Temperature
TA
–20
25
85
C
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at VDD = 3.3 V and 25
C unless otherwise stated. Parameters are tested in production unless
otherwise stated.
Table 2. Absolute Maximum Ratings1,2
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
–0.5 to 5.8
V
Interface Supply Voltage
VIO
–0.5 to 3.9
V
Input Current3
IIN
10
mA
Input Voltage3
VIN
–0.3 to (VIO + 0.3)
V
Operating Temperature
TOP
–40 to 95
C
Storage Temperature
TSTG
–55 to 150
C
RF Input Level4
0.4
VpK
Notes:
1. Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure beyond
recommended operating conditions for extended periods may affect device reliability.
2. The Si4707 devices are high-performance RF integrated circuits with certain pins having an ESD rating of < 2 kV HBM.
Handling and assembly of these devices should only be done at ESD-protected workstations.
3. For input pins SCLK, SEN, SDIO, RST, RCLK, GPO1, GPO2, and GPO3.
4. At RF input pins, FMI.


Numéro de pièce similaire - SI4707-B20

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI4707-B20 SKYWORKS-SI4707-B20 Datasheet
373Kb / 28P
   WEATHER BAND AND SAME DATA RECEIVER
Revision 0.1 to Revision 0.8
SI4707-B20-GM SKYWORKS-SI4707-B20-GM Datasheet
373Kb / 28P
   WEATHER BAND AND SAME DATA RECEIVER
Revision 0.1 to Revision 0.8
More results

Description similaire - SI4707-B20

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI4707-B20 SKYWORKS-SI4707-B20 Datasheet
373Kb / 28P
   WEATHER BAND AND SAME DATA RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4707 SILABS-SI4707 Datasheet
996Kb / 3P
   Weather Band and SAME Data Receiver
SI4736-B20 SILABS-SI4736-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
logo
List of Unclassifed Man...
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Zarlink Semiconductor I...
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
   CDMA/AMPS Dual Band and RF Receiver
logo
Radiometrix Ltd
TX1-173.225-10 RADIOMETRIX-TX1-173.225-10 Datasheet
647Kb / 19P
   VHF Narrow Band FM Transmitter and Receiver
logo
NEC
UPC2766GR NEC-UPC2766GR Datasheet
145Kb / 16P
   WIDE BAND IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
logo
Laird Tech Smart Techno...
S9028PCL LSTD-S9028PCL Datasheet
694Kb / 1P
   Weather and UV resistant radome
S8658WPR LSTD-S8658WPR Datasheet
637Kb / 1P
   Weather and UV resistant radome
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com