Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4705-D50 Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI4705-D50
Description  BROADCAST FM RADIO RECEIVER FOR CONSUMER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4705-D50 Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI4705-D50 Datasheet HTML 1Page - Silicon Laboratories SI4705-D50 Datasheet HTML 2Page - Silicon Laboratories SI4705-D50 Datasheet HTML 3Page - Silicon Laboratories SI4705-D50 Datasheet HTML 4Page - Silicon Laboratories SI4705-D50 Datasheet HTML 5Page - Silicon Laboratories SI4705-D50 Datasheet HTML 6Page - Silicon Laboratories SI4705-D50 Datasheet HTML 7Page - Silicon Laboratories SI4705-D50 Datasheet HTML 8Page - Silicon Laboratories SI4705-D50 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Si4704/05-D50
4
Rev. 1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions*
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Analog Supply Voltage
VA
2.7
5.5
V
Digital and Interface Supply Voltage
VD
1.62
3.6
V
Analog Power Supply Powerup Rise
Time
VARISE
10
µs
Digital Power Supply Powerup Rise
Time
VDRISE
10
µs
Ambient Temperature
TA
–20
25
85
C
*Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at VA = 3.3 V and 25 C unless otherwise stated. Parameters are tested in production unless
otherwise stated.
Table 2. Absolute Maximum Ratings1,2
Parameter
Symbol
Value
Unit
Analog Supply Voltage
VA
–0.5 to 5.8
V
Digital and Interface Supply Voltage
VD
–0.5 to 3.9
V
Input Current3
IIN
10
mA
Input Voltage3
VIN
–0.3 to (VIO + 0.3)
V
Operating Temperature
TOP
–40 to 95
C
Storage Temperature
TSTG
–55 to 150
C
RF Input Level4
0.4
VpK
Notes:
1. Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure beyond
recommended operating conditions for extended periods may affect device reliability.
2. The Si4704/05 devices are high-performance RF integrated circuits with certain pins having an ESD rating of < 2 kV
HBM. Handling and assembly of these devices should only be done at ESD-protected workstations.
3. For input pins DFS, SCLK, SEN, SDIO, RST, RCLK, GPO1, GPO2, GPO3, and DCLK.
4. At RF input pins FMI and LPI.


Numéro de pièce similaire - SI4705-D50

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI4705-D50 SKYWORKS-SI4705-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
SI4705-D50-GM SKYWORKS-SI4705-D50-GM Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results

Description similaire - SI4705-D50

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com