Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4826 Fiches technique(PDF) 3 Page - Silicon Laboratories

No de pièce SI4826
Description  Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4826 Fiches technique(HTML) 3 Page - Silicon Laboratories

  SI4826 Datasheet HTML 1Page - Silicon Laboratories SI4826 Datasheet HTML 2Page - Silicon Laboratories SI4826 Datasheet HTML 3Page - Silicon Laboratories SI4826 Datasheet HTML 4Page - Silicon Laboratories SI4826 Datasheet HTML 5Page - Silicon Laboratories SI4826 Datasheet HTML 6Page - Silicon Laboratories SI4826 Datasheet HTML 7Page - Silicon Laboratories SI4826 Datasheet HTML 8Page - Silicon Laboratories SI4826 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
AN602
Rev. 0.3
3
Band10
FM3
87.3–108.25 MHz
50 µs
Separation = 12 dB,
RSSI = 28
 137
Band11
FM3
87.3–108.25 MHz
75 µs
Separation = 6 dB,
RSSI = 20
 147
Band12
FM3
87.3–108.25 MHz
50 µs
Separation = 12 dB,
RSSI = 28
 157
Band13
FM4
76–90 MHz
75 µs
Separation = 6 dB,
RSSI = 20
 167
Band14
FM4
76–90 MHz
75 µs
Separation = 12 dB,
RSSI = 28
 177
Band15
FM4
76–90 MHz
50 µs
Separation = 6 dB,
RSSI = 20
 187
Band16
FM4
76–90 MHz
50 µs
Separation = 12 dB,
RSSI = 28
 197
Band17
FM5
64–87 MHz
75 µs
Separation = 6 dB,
RSSI = 20
 207
Band18
FM5
64–87 MHz
75 µs
Separation = 12 dB,
RSSI = 28
 217
Band19
FM5
64–87 MHz
50 µs
Separation = 6 dB,
RSSI = 20
 227
Band20
FM5
64–87 MHz
50 µs
Separation = 12 dB,
RSSI = 28
 237
Band21
AM1
520–1710 kHz
 10 kHz
 247
Band22
AM2
522–1620 kHz
 9kHz
 257
Band23
AM3
504–1665 kHz
 9kHz
 267
Band24
AM4
520–1730 kHz
 10 kHz
 277
Band25
AM5
510–1750 kHz
 10 kHz
 287
Band26
SW1
5.6–6.4 MHz
 297
Band27
SW2
5.95–6.2 MHz
 307
Band28
SW3
6.8–7.6 MHz
 317
Band29
SW4
7.1–7.6 MHz
 327
Band30
SW5
9.2–10 MHz
 337
Table 2. Band Sequence Definition (Continued)
Band
Number
Band
Name
Band Frequency
Range
De-emphasis (FM)
Channel Space (AM)
Stereo LED on
Conditions
(Only for Si4840/44)
Total R to GND
(k
, 1%)


Numéro de pièce similaire - SI4826

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4826 SILABS-SI4826 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI4826 SILABS-SI4826 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4826-A10 SILABS-SI4826-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
logo
Texas Instruments
Si4826DY TI1-Si4826DY Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
More results

Description similaire - SI4826

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN555 SILABS-AN555 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN603 SILABS-AN603 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com