Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4711 Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SI4711
Description  Si47XX PROGRAMMING GUIDE
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4711 Fiches technique(HTML) 5 Page - Silicon Laboratories

  SI4711 Datasheet HTML 1Page - Silicon Laboratories SI4711 Datasheet HTML 2Page - Silicon Laboratories SI4711 Datasheet HTML 3Page - Silicon Laboratories SI4711 Datasheet HTML 4Page - Silicon Laboratories SI4711 Datasheet HTML 5Page - Silicon Laboratories SI4711 Datasheet HTML 6Page - Silicon Laboratories SI4711 Datasheet HTML 7Page - Silicon Laboratories SI4711 Datasheet HTML 8Page - Silicon Laboratories SI4711 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 302 page
background image
AN332
Rev. 1.0
5
3. Terminology
SEN—Serial enable pin, active low; used as device select in 3-wire and SPI operation and address selection in
2-wire operation.
SDIO—Serial data in/data out pin.
SCLK—Serial clock pin.
RST or RSTb—Reset pin, active low
RCLK—External reference clock
GPO—General purpose output
CTS—Clear to send
STC—Seek/Tune Complete
NVM—Non-volatile internal device memory
Device—Refers to the FM Transmitter/AM/FM/SW/LW/WB Receiver
System Controller—Refers to the system microcontroller
CMD—Command byte
COMMANDn—Command register (16-bit) in 3-Wire mode (n = 1 to 4)
ARGn—Argument byte (n = 1 to 7)
STATUS—Status byte
RESPn—Response byte (n = 1 to 15)
RESPONSEn—Response register (16-bit) in 3-Wire mode (n = 1 to 8)


Numéro de pièce similaire - SI4711

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4711 SILABS-SI4711 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
SI4711 SILABS-SI4711 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4711 SILABS-SI4711 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4711 SILABS-Si4711 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
SI4711-B30 SILABS-SI4711-B30 Datasheet
1Mb / 40P
   Si4710/11-B30 FM RADIO TRANSMITTER
More results

Description similaire - SI4711

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
AN346 SILABS-AN346 Datasheet
964Kb / 2P
   Si47XX EVALUATION BOARD QUICK-START GUIDE
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com