Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1003IG5T Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce TS1003IG5T
Description  THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1003IG5T Fiches technique(HTML) 1 Page - Silicon Laboratories

  TS1003IG5T Datasheet HTML 1Page - Silicon Laboratories TS1003IG5T Datasheet HTML 2Page - Silicon Laboratories TS1003IG5T Datasheet HTML 3Page - Silicon Laboratories TS1003IG5T Datasheet HTML 4Page - Silicon Laboratories TS1003IG5T Datasheet HTML 5Page - Silicon Laboratories TS1003IG5T Datasheet HTML 6Page - Silicon Laboratories TS1003IG5T Datasheet HTML 7Page - Silicon Laboratories TS1003IG5T Datasheet HTML 8Page - Silicon Laboratories TS1003IG5T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS1003
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
Single 0.8V to 5.5V Operation
Supply current: 0.6μA (typ)
Input Bias Current: 2pA (typ)
Low TCVOS: 9µV/°C (typ)
AVOL Driving 100kΩ Load: 90dB (min)
Gain-Bandwidth Product: 4kHz
Unity Gain Stable
Rail-to-rail Input and Output
No Output Phase Reversal
5-pin SC70 or 5-pin SOT23 Packaging
APPLICATIONS
Battery/Solar-Powered Instrumentation
Portable Gas Monitors
Low-voltage Signal Processing
Micropower Active Filters
Wireless Remote Sensors
Battery-powered Industrial Sensors
Active RFID Readers
Powerline or Battery Current Sensing
Handheld/Portable POS Terminals
DESCRIPTION
The TS1003 is the industry’s first sub-1µA supply
current, precision CMOS operational amplifier fully
specified to operate over a supply voltage range from
0.8V to 5.5V. Fully specified at 1.8V, the TS1003 is
optimized
for
ultra-long-life
battery
powered
applications. The TS1003 is the fourth operational
amplifier in the “NanoWatt Analog™” high-
performance analog integrated circuits portfolio. The
TS1003 exhibits a typical input bias current of 2pA,
and has rail-to-rail input and output stages.
The TS1003’s combined features make it an excellent
choice in applications where very low supply current
and low operating supply voltage translate into very
long equipment operating time. Applications include:
micropower active filters, wireless remote sensors,
battery and powerline current sensors, portable gas
monitors, and handheld/portable POS terminals.
The TS1003 is fully specified over the industrial
temperature range (−40°C to +85°C) and is available
in either a PCB-space saving 5-lead SC70 or a 5-lead
SOT23 packaging.
0%
5%
10%
15%
20%
25%
30%
35%
Supply Current Distribution
THE ONLY 0.8V TO 5.5V, 0.6µA RAIL-TO-RAIL SINGLE OP AMP
TYPICAL APPLICATION CIRCUIT
A MicroWatt 2-Pole Sallen Key Low Pass Filter
0.48
0.53
0.58
0.63
Supply Current - µA
VDD = 1.8V


Numéro de pièce similaire - TS1003IG5T

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS1003IJ5T TOUCHSTONE-TS1003IJ5T Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1003IJ5TP TOUCHSTONE-TS1003IJ5TP Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
More results

Description similaire - TS1003IG5T

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com