Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1002 Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce TS1002
Description  THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1002 Fiches technique(HTML) 5 Page - Silicon Laboratories

  TS1002 Datasheet HTML 1Page - Silicon Laboratories TS1002 Datasheet HTML 2Page - Silicon Laboratories TS1002 Datasheet HTML 3Page - Silicon Laboratories TS1002 Datasheet HTML 4Page - Silicon Laboratories TS1002 Datasheet HTML 5Page - Silicon Laboratories TS1002 Datasheet HTML 6Page - Silicon Laboratories TS1002 Datasheet HTML 7Page - Silicon Laboratories TS1002 Datasheet HTML 8Page - Silicon Laboratories TS1002 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TS1002/TS1004
TS1002/4 Rev. 1.0
Page 5
-40
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current (IIN+, IIN-) vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
Output Voltage High (VOH) vs Temperature, RLOAD =100kΩ
TEMPERATURE -
°C
Output Voltage Low (VOL) vs Temperature, RLOAD =100kΩ
TEMPERATURE -
°C
Output Voltage High (VOH) vs Temperature, RLOAD =10kΩ
Output Voltage Low (VOL) vs Temperature, RLOAD =10kΩ
Input Bias Current (IIN+, IIN-) vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
VDD = 2.5V
TA = +25°C
VDD =0.8V
TA = +25°C
0
0.2
0.4
0.6
0.8
0
0.5
1.5
2
2.5
1
100
75
25
-50
-25
0
50
250
200
100
-50
0
50
150
RL = 100kΩ
VDD = 0.8V
VDD = 2.5V
RL = 100kΩ
VDD = 0.8V
VDD = 2.5V
4.5
4
2
0
1
3
3.5
0.5
1.5
2.5
1.8
1.6
0.8
0
0.4
1.2
1.4
0.2
0.6
1
+25
+85
-40
+25
+85
20
0
10
30
35
5
15
25
TEMPERATURE -
°C
TEMPERATURE -
°C
-40
+25
+85
-40
+25
+85
RL = 10kΩ
VDD = 0.8V
VDD = 2.5V
RL = 10kΩ
VDD = 0.8V
VDD = 2.5V
16
0
8
4
12
20


Numéro de pièce similaire - TS1002

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1002IM8T TOUCHSTONE-TS1002IM8T Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1002IM8TP TOUCHSTONE-TS1002IM8TP Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
More results

Description similaire - TS1002

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com