Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si82397BD-IS Fiches technique(PDF) 3 Page - Silicon Laboratories

No de pièce Si82397BD-IS
Description  4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si82397BD-IS Fiches technique(HTML) 3 Page - Silicon Laboratories

  Si82397BD-IS Datasheet HTML 1Page - Silicon Laboratories Si82397BD-IS Datasheet HTML 2Page - Silicon Laboratories Si82397BD-IS Datasheet HTML 3Page - Silicon Laboratories Si82397BD-IS Datasheet HTML 4Page - Silicon Laboratories Si82397BD-IS Datasheet HTML 5Page - Silicon Laboratories Si82397BD-IS Datasheet HTML 6Page - Silicon Laboratories Si82397BD-IS Datasheet HTML 7Page - Silicon Laboratories Si82397BD-IS Datasheet HTML 8Page - Silicon Laboratories Si82397BD-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Ordering Part
Number
Configuration
Output
UVLO
Enhanced
UVLO
UVLO
Status
Pin
Delayed
Startup
Time
Dead-Time
Setting
Deglitch
Package
Type
Isolation
Rating
Si82394AB4-IS1
HS/LS, PWM
6 V
No
Yes
Yes
40–400 ns
Yes
SOIC-16 NB
2.5
kVrms
Si82394BB4-IS1
HS/LS, PWM
8 V
No
Yes
Yes
40–400 ns
Yes
SOIC-16 NB
2.5
kVrms
Si82394CB4-IS1
HS/LS, PWM
12 V
No
Yes
Yes
40–400 ns
Yes
SOIC-16 NB
2.5
kVrms
Si82394AD4-IS
HS/LS, PWM
6 V
No
Yes
Yes
40–400 ns
Yes
SOIC-16 WB
5 kVrms
Si82394BD4-IS
HS/LS, PWM
8 V
No
Yes
Yes
40–400 ns
Yes
SOIC-16 WB
5 kVrms
Si82394CD4-IS
HS/LS, PWM
12 V
No
Yes
Yes
40–400 ns
Yes
SOIC-16 WB
5 kVrms
Si82391AB-IS1
Dual, VIA, VIB
6 V
Yes
Yes
No
N/A
No
SOIC-16 NB
2.5
kVrms
Si82391BB-IS1
Dual, VIA, VIB
8 V
Yes
Yes
No
N/A
No
SOIC-16 NB
2.5
kVrms
Si82391CB-IS1
Dual, VIA, VIB
12 V
Yes
Yes
No
N/A
No
SOIC-16 NB
2.5
kVrms
Si82396AB-IS1
Dual, VIA, VIB
6 V
No
Yes
No
N/A
No
SOIC-16 NB
2.5
kVrms
Si82396BB-IS1
Dual, VIA, VIB
8 V
No
Yes
No
N/A
No
SOIC-16 NB
2.5
kVrms
Si82396CB-IS1
Dual, VIA, VIB
12 V
No
Yes
No
N/A
No
SOIC-16 NB
2.5
kVrms
Si82398AB4-IS1
HS/LS, PWM
6 V
No
Yes
No
40–400 ns
Yes
SOIC-16 NB
2.5
kVrms
Si82398BB4-IS1
HS/LS, PWM
8 V
No
Yes
No
40–400 ns
Yes
SOIC-16 NB
2.5
kVrms
Si82398CB4-IS1
HS/LS, PWM
12 V
No
Yes
No
40–400 ns
Yes
SOIC-16 NB
2.5
kVrms
Si82398AD4-IS
HS/LS, PWM
6 V
No
Yes
No
40–400 ns
Yes
SOIC-16 WB
5 kVrms
Si82398BD4-IS
HS/LS, PWM
8 V
No
Yes
No
40–400 ns
Yes
SOIC-16 WB
5 kVrms
Si82398CD4-IS
HS/LS, PWM
12 V
No
Yes
No
40–400 ns
Yes
SOIC-16 WB
5 kVrms
Note:
1. All products are rated at 4 A output drive current max, VDDI = 2.5 V – 5.5 V, EN (active high)
2. All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard classifica-
tions and peak solder temperatures.
3. “Si” and “SI” are used interchangeably.
Si8239x Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.9 | 2


Numéro de pièce similaire - Si82397BD-IS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si82397BD-IS SILABS-Si82397BD-IS Datasheet
1Mb / 38P
   Enhanced output UVLO safety
logo
Skyworks Solutions Inc.
SI82397BD-IS SKYWORKS-SI82397BD-IS Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
SI82397BD-IS3 SKYWORKS-SI82397BD-IS3 Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results

Description similaire - Si82397BD-IS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8285 SKYWORKS-SI8285 Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
logo
Skyworks Solutions Inc.
SI8252X SKYWORKS-SI8252X Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI823HX SKYWORKS-SI823HX Datasheet
1Mb / 50P
   4.0 A Symmetric Drive ISODrivers with Low Propagation Delay and High Transient Immunity
Revision 0.33
logo
Silicon Laboratories
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com