Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCVF2310PW Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCVF2310PW
Description  High-Performance Clock Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310PW Fiches technique(HTML) 5 Page - Texas Instruments

  CDCVF2310PW Datasheet HTML 1Page - Texas Instruments CDCVF2310PW Datasheet HTML 2Page - Texas Instruments CDCVF2310PW Datasheet HTML 3Page - Texas Instruments CDCVF2310PW Datasheet HTML 4Page - Texas Instruments CDCVF2310PW Datasheet HTML 5Page - Texas Instruments CDCVF2310PW Datasheet HTML 6Page - Texas Instruments CDCVF2310PW Datasheet HTML 7Page - Texas Instruments CDCVF2310PW Datasheet HTML 8Page - Texas Instruments CDCVF2310PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CDCVF2310
www.ti.com
SCAS666D – JUNE 2001 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VDD = 3.3 V ±0.3 V
VDD = min to max
IOH = –100 μA
VDD – 0.2
VOH
High-level output voltage
IOH = –12 mA
2.1
V
VDD = 3 V
IOH = –6 mA
2.4
VDD = min to max
IOL = –100 μA
0.2
VOL
Low-level output voltage
IOL = 12 mA
0.8
V
VDD = 3 V
IOL = 6 mA
0.55
VDD = 3 V
VO = 1 V
–28
IOH
High-level output current
VDD = 3.3 V
VO = 1.65 V
–36
mA
VDD = 3.6 V
VO = 3.135 V
–14
VDD = 3 V
VO = 1.95 V
28
IOL
Low-level output current
VDD = 3.3 V
VO = 1.65 V
36
mA
VDD = 3.6 V
VO = 0.4 V
14
VDD = 2.5 V ±0.2 V
VDD = min to max
IOH = –100 μA
VDD – 0.2
VOH
High-level output voltage
V
VDD = 2.3 V
IOH = –6 mA
1.8
VDD = min to max
IOL = 100 μA
0.2
VOL
Low-level output voltage
V
VDD = 2.3 V
IOL = 6 mA
0.55
VDD = 2.3 V
VO = 1 V
–17
IOH
High-level output current
VDD = 2.5 V
VO = 1.25 V
–25
mA
VDD = 2.7 V
VO = 2.375 V
–10
VDD = 2.3 V
VO = 1.2 V
17
IOL
Low-level output current
VDD = 2.5 V
VO = 1.25 V
25
mA
VDD = 2.7 V
VO = 0.3 V
10
6.6 Timing Requirements
over recommended ranges of supply voltage and operating free-air temperature
MIN
MAX
UNIT
VDD = 3 V to 3.6 V
0
200
fclk
Clock frequency
MHz
VDD = 2.3 V to 2.7 V
0
170
6.7 Jitter Characteristics
Characterized using CDCVF2310 Performance EVM when VDD= 3.3 V. Outputs not under test are terminated to 50 Ω.
PARAMETER
TEST CONDITIONS
TYP
UNIT
12 kHz to 5 MHz, fout = 30.72 MHz
52
tjitter
Additive phase jitter from input to output 1Y0
fs rms
12 kHz to 20 MHz, fout = 125 MHz
45
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CDCVF2310


Numéro de pièce similaire - CDCVF2310PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310PWG4 TI-CDCVF2310PWG4 Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310PWR TI-CDCVF2310PWR Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310PWRG4 TI-CDCVF2310PWRG4 Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
More results

Description similaire - CDCVF2310PW

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
   High-performance fanout buffer clock and fanout buffer
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
IDT5V2310 IDT-IDT5V2310 Datasheet
57Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Texas Instruments
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305_10 Datasheet
71Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
logo
Renesas Technology Corp
5V2305S RENESAS-5V2305S Datasheet
317Kb / 11P
   High-Performance 1 to 5 Clock Buffer
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com