Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI53102-A1 Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI53102-A1
Description  PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 1:2 FAN-OUT CLOCK BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53102-A1 Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI53102-A1 Datasheet HTML 6Page - Silicon Laboratories SI53102-A1 Datasheet HTML 7Page - Silicon Laboratories SI53102-A1 Datasheet HTML 8Page - Silicon Laboratories SI53102-A1 Datasheet HTML 9Page - Silicon Laboratories SI53102-A1 Datasheet HTML 10Page - Silicon Laboratories SI53102-A1 Datasheet HTML 11Page - Silicon Laboratories SI53102-A1 Datasheet HTML 12Page - Silicon Laboratories SI53102-A1 Datasheet HTML 13Page - Silicon Laboratories SI53102-A1 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Si53102-A1/A2/A3
10
Rev 1.2
4. Pin Descriptions
Figure 5. 8-Pin TDFN
Table 6. Si53102-Ax-GM 8-Pin TDFN Descriptions
Pin #
Name
Type
Description
1
DIFFIN
O, DIF
0.7 V, 100 MHz differentials clock input
2
DIFFIN
O, DIF
0.7 V, 100 MHz differentials clock input
3
DIFF1
O, DIF
0.7 V, 100 MHz differential clock output
4
DIFF1
O, DIF
0.7 V, 100 MHz differential clock output
5GND
GND
Ground
6
DIFF2
O, DIF
0.7 V, 100 MHz differential clock output
7
DIFF2
O, DIF
0.7 V, 100 MHz differential clock output
8VDD
PWR
2.5 V or 3.3 V Power supply
8
7
6
5
1
2
3
4
VSS
DIFF2
DIFF2
DIFF1
DIFF1
VDD
DIFFIN
DIFFIN


Numéro de pièce similaire - SI53102-A1

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
SI53102-A1-GM SKYWORKS-SI53102-A1-GM Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
SI53102-A1-GMR SKYWORKS-SI53102-A1-GMR Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
More results

Description similaire - SI53102-A1

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
logo
Silicon Laboratories
SI53152 SILABS-SI53152 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
SI53156 SILABS-SI53156 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
SI53156-A13A SKYWORKS-SI53156-A13A Datasheet
988Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.0
logo
Silicon Laboratories
SI53154 SILABS-SI53154 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53154 SKYWORKS-SI53154 Datasheet
992Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
Rev. 1.3
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI53159 SILABS-SI53159 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE OUTPUT FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com