Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8715BC-A-IS Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SI8715BC-A-IS
Description  5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8715BC-A-IS Fiches technique(HTML) 5 Page - Silicon Laboratories

  SI8715BC-A-IS Datasheet HTML 1Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 2Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 3Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 4Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 5Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 6Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 7Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 8Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Si871x/2x
Rev. 1.0
5
AC Switching Parameters (VDD =5V, CL =15pF)
Maximum Data Rate
FDATA
DC
15
MBPS
Minimum Pulse Width
MPW
66
ns
Propagation Delay
(Low-to-High)
tPLH
CL =15pF
5
50
ns
Propagation Delay
(High-to-Low)
tPHL
CL =15pF
5
50
ns
Pulse Width Distortion
PWD
| tPLH – tPHL |—
25
ns
Propagation Delay
Skew
tPSK(p-p) tPSK(P-P) is the magnitude of the dif-
ference in prop delays between dif-
ferent units operating at same supply
voltage, load, and ambient temp.
——
25
ns
Rise Time*
tR
CL =15pF
2.5
4
ns
Fall Time*
tF
CL =15pF
2.5
4
ns
Device Startup Time
tSTART
——
40
µs
Common Mode
Transient Immunity
CMTI Output = low or high
VCM =1500V (See Figure 2)
IF =6mA
35
50
kV/µs
*Note: Guaranteed by design and/or characterization
Table 2. Electrical Characteristics (Continued)
VDD = 5 V; GND = 0 V; TA = –40 to +125 °C; typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit


Numéro de pièce similaire - SI8715BC-A-IS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si8715BC-A-IS SILABS-Si8715BC-A-IS Datasheet
1Mb / 35P
   Industrial automation
logo
Skyworks Solutions Inc.
SI8715BC-A-IS SKYWORKS-SI8715BC-A-IS Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
More results

Description similaire - SI8715BC-A-IS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
SI873X SKYWORKS-SI873X Datasheet
951Kb / 23P
   Low Input Current LED Emulator, Logic Output Isolators
Revision 1.0 March, 2018
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
M-System Co.,Ltd.
5VS MSYSTEM-5VS Datasheet
96Kb / 2P
   Dual Channel Input/Output Isolators 5-UNIT
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
logo
M-System Co.,Ltd.
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
   Dual Channel Input/Output Isolators 5-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com