Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7020-A20-IM1R Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce SI7020-A20-IM1R
Description  IC HUMIDITY AND TEMPERATURE SENSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7020-A20-IM1R Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button SI7020-A20-IM1R Datasheet HTML 3Page - Silicon Laboratories SI7020-A20-IM1R Datasheet HTML 4Page - Silicon Laboratories SI7020-A20-IM1R Datasheet HTML 5Page - Silicon Laboratories SI7020-A20-IM1R Datasheet HTML 6Page - Silicon Laboratories SI7020-A20-IM1R Datasheet HTML 7Page - Silicon Laboratories SI7020-A20-IM1R Datasheet HTML 8Page - Silicon Laboratories SI7020-A20-IM1R Datasheet HTML 9Page - Silicon Laboratories SI7020-A20-IM1R Datasheet HTML 10Page - Silicon Laboratories SI7020-A20-IM1R Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Si7020-A20
Rev. 1.1
7
Table 4. Humidity Sensor
1.9 ≤ VDD ≤ 3.6 V; TA = 30 °C; default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Range1
Non-condensing
0
100
%RH
Accuracy2, 3
0 – 80% RH
±3
±4
%RH
80 – 100% RH
See Figure 2.
Repeatability/Noise
12-bit resolution
0.025
%RH RMS
11-bit resolution
0.05
10-bit resolution
0.1
8-bit resolution
0.2
Response Time4
τ63%
1 m/s airflow, with cover
18
S
1 m/s airflow, without cover
17
Drift vs. Temperature
0.05
%RH/°C
Hysteresis
±1
%RH
Long Term Stability3
—< 0.25
%RH/yr
Notes:
1.
Recommended humidity operating range is 20% to 80% RH (non-condensing) over –10 °C to 60 °C. Prolonged
operation beyond these ranges may result in a shift of sensor reading, with slow recovery time.
2.
Excludes hysteresis, long term drift, and certain other factors and is applicable to non-condensing environments only.
See Section “4.1. Relative Humidity Sensor Accuracy” for more details.
3.
Drift due to aging effects at typical room conditions of 30 °C and 30% to 50% RH. May be impacted by dust, vaporized
solvents or other contaminants, e.g., out-gassing tapes, adhesives, packaging materials, etc. See Section “4.7. Long
Term Drift/Aging” .
4.
Response time to a step change in RH. Time for the RH output to change by 63% of the total RH change.


Numéro de pièce similaire - SI7020-A20-IM1R

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si7020-A20-IM1R SILABS-Si7020-A20-IM1R Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Description similaire - SI7020-A20-IM1R

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
   Humidity and Temperature Sensor IC
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
   Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
   Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
   Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
   Humidity and Temperature Sensor IC
Version 4 - December 2022
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
   Temperature and Humidity sensor IC
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25_15 Datasheet
516Kb / 14P
   Humidity and Temperature Sensor IC
SHT21P ETC2-SHT21P Datasheet
342Kb / 10P
   Humidity and Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com