Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5356A Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI5356A
Description  IC PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5356A Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI5356A Datasheet HTML 6Page - Silicon Laboratories SI5356A Datasheet HTML 7Page - Silicon Laboratories SI5356A Datasheet HTML 8Page - Silicon Laboratories SI5356A Datasheet HTML 9Page - Silicon Laboratories SI5356A Datasheet HTML 10Page - Silicon Laboratories SI5356A Datasheet HTML 11Page - Silicon Laboratories SI5356A Datasheet HTML 12Page - Silicon Laboratories SI5356A Datasheet HTML 13Page - Silicon Laboratories SI5356A Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Si5356A
10
Rev. 1.3
3.2. Input Configuration
The Si5356 input can be driven from either an external
crystal or a reference clock. If the crystal input option is
used, the Si5356 operates as a free-running clock
generator. In this mode of operation the device requires
a low cost 25 or 27 MHz fundamental mode crystal
connected across XA and XB as shown in Figure 1.
Given the Si5356’s frequency flexibility, the same crystal
can be reused to generate any combination of output
frequencies. Custom frequency crystals are not
required. The Si5356 integrates the crystal load
capacitors on-chip to reduce external component count.
The crystal should be placed very close to the device to
minimize stray capacitance. To ensure a stable and
accurate output frequency, the recommended crystal
specifications provided in Table 4 on page 6 must be
followed. See AN360 for additional details regarding
crystal recommendations.
Figure 1. Connecting an XTAL to the Si5356
For synchronous timing applications, the Si5356 can
lock to a 5 to 200 MHz CMOS reference clock. A typical
interface circuit is shown in Figure 2. A series
termination resistor matching the driver’s output
impedance to the impedance of the transmission line is
recommended to reduce reflections.
Figure 2. Interfacing CMOS Reference Clocks
to the Si5356
Control input signals to SSC_DIS and OEB cannot
exceed 1.3 V yet also need to meet the VOH and VOL
specifications outlined in Table 2 on page 4. When
these inputs are driven from CMOS sources, a resistive
attenuator as shown in the Typical Application Circuits
must be used. Suggested standard 1% resistor values
for RSE and RSH, when using a CMOS source, are
given below.
3.3. Breakthrough MultiSynth Technology
Modern timing architectures require a wide range of
frequencies which are often non-integer related.
Traditional clock architectures address this by using a
combination of single PLL ICs, 4-PLL ICs and discrete
XOs, often at the expense of BOM complexity and
power. The Si5356 use patented MultiSynth technology
to
dramatically
simplify
timing
architectures
by
integrating the frequency synthesis capability of 4
phase-locked loops (PLLs) in a single device, greatly
minimizing size and power requirements versus
traditional solutions. Based on a fractional-N PLL, the
heart of the architecture is a low phase noise, high-
frequency VCO. The VCO supplies a high frequency
output clock to the MultiSynth block on each of the four
independent output paths. Each MultiSynth operates as
a high-speed fractional divider with Silicon Laboratories'
proprietary phase error correction to divide down the
VCO clock to the required output frequency with very
low jitter.
The first stage of the MultiSynth architecture is a
fractional-N divider which switches seamlessly between
the two closest integer divider values to produce the
exact output clock frequency with 0 ppm error. To
eliminate phase error generated by this process,
MultiSynth calculates the relative phase difference
between the clock produced by the fractional-N divider
and the desired output clock and dynamically adjusts
the phase to match the ideal clock waveform. This novel
approach makes it possible to generate any output
clock frequency without sacrificing jitter performance.
Based on this architecture, each clock output can
produce any frequency from 1 to 200 MHz.
XB
XA
XTAL
Si5356
CLKIN
50
Rs
Si5356
CMOS Level
RSE ohms
RSH ohms
1.8 V
1000
1580
2.5 V
1960
1580
3.3 V
3090
1580


Numéro de pièce similaire - SI5356A

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
More results

Description similaire - SI5356A

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
SI5356B SILABS-SI5356B Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5334 SILABS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5335 SILABS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com