Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3462 Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI3462
Description  SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3462 Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI3462 Datasheet HTML 7Page - Silicon Laboratories SI3462 Datasheet HTML 8Page - Silicon Laboratories SI3462 Datasheet HTML 9Page - Silicon Laboratories SI3462 Datasheet HTML 10Page - Silicon Laboratories SI3462 Datasheet HTML 11Page - Silicon Laboratories SI3462 Datasheet HTML 12Page - Silicon Laboratories SI3462 Datasheet HTML 13Page - Silicon Laboratories SI3462 Datasheet HTML 14Page - Silicon Laboratories SI3462 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Si3462
Rev. 1.0
11
4. Si3462-EVB Functional Description
In combination with low-cost external components, the Si3462 controller provides a complete PSE solution for
embedded PoE applications. The Si3462-EVB reference design operates from a +50 V isolated power supply and
delivers power to the powered device.
Refer to the Si3462-EVB User's Guide and schematics for descriptions in the following sections.
The basic sequence of applying power is shown in Figure 3. Following is the description of the function that must
be performed in each phase.
Figure 3. Basic Power-up Sequence
tDET_CYCLE
tCLASS_CYCLE
tPWRUP
-2.8V
-15.5V
-10V
-20.5V
-44V
-57V
Ch1: PoE output voltage referenced to the +50V rail
Detection
Classification
Power-on


Numéro de pièce similaire - SI3462

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Silicon Laboratories
Si3462-E01-GM SILABS-Si3462-E01-GM Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
Si3462-E01-GMR SILABS-Si3462-E01-GMR Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
SI3462-EVB SILABS-SI3462-EVB Datasheet
1Mb / 32P
   EVALUATION BOARD USERS GUIDE
More results

Description similaire - SI3462

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
   OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
Linear Technology
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
   Single Port PoE/PoE/LTPoE PSE Controller
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
   4-Port IEEE 802.3bt PoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com