Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3454 Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI3454
Description  QUAD IEEE 802.3AT POE PSE CONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3454 Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI3454 Datasheet HTML 7Page - Silicon Laboratories SI3454 Datasheet HTML 8Page - Silicon Laboratories SI3454 Datasheet HTML 9Page - Silicon Laboratories SI3454 Datasheet HTML 10Page - Silicon Laboratories SI3454 Datasheet HTML 11Page - Silicon Laboratories SI3454 Datasheet HTML 12Page - Silicon Laboratories SI3454 Datasheet HTML 13Page - Silicon Laboratories SI3454 Datasheet HTML 14Page - Silicon Laboratories SI3454 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Si3454
Rev. 1.1
11
Table 5. I2C Bus Timing Specifications1,2,3,4,5,6
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Serial Bus Clock Frequency
fSCL
See Figure 5
0
800
kHz
SCL High Time
tSKH
See Figure 5
300
ns
SCL Low Time
tSKL
See Figure 5
650
ns
Bus Free Time
tBUF
Between STOP and START con-
ditions. See Figure 5
650
ns
Start Hold Time
tSTH
Between START and first low
SCL. See Figure 5
300
ns
Start Setup Time
tSTS
Between SCL high and START
condition. See Figure 5
300
ns
Stop Setup Time
tSPS
Between SCL high and STOP
condition. See Figure 5
300
ns
Data Hold Time
tDH
See Figure 57
75
ns
Data Setup Time
tDS
See Figure 5
100
ns
Time from Hardware or Soft-
ware Reset until Start of I2C
Traffic
tRESET
Reset to start condition
5
ms
Notes:
1. All specification voltages are referenced with respect to AGND and DGND at ground. Currents are defined as positive
flowing into a pin and negative flowing out of a pin.
2. Not production tested (guaranteed by design).
3. All timing references measured at VIL and VIH.
4. SDAI must be low within ½ SCL clock cycle of SDAO going low for the following reasons:
a.) During a read transaction, if the Si3454 is letting SDAO go high and another device is driving SDAO low, this should
be recognized as bus contention, and the Si3454 should release the bus. If SDAO low is not present on SDAI within ½
clock cycle, the Si3454 will not recognize this as bus contention and will not release the bus.
b.) During any I2C transaction, the Si3454 will ACK (SDAO low) when its address is sent. The Si3454 “expects” that
SDAI will follow within ½ of the SCL clock cycle. If SDAI is not low, the Si3454 will release the bus.
5. SCL and SDA rise and fall times depend on bus pullup resistance and bus capacitance.
6. The time from a fault event to the INT pin being driven is software-defined. The Si3454 produces a new measurement
result for the Port voltage or current every 3 msec and every 6 msec for the power supplies and temperature. After
each port is monitored, the port status, port event registers, INT register, and INT pin are updated in sequence. For this
reason, the INT pin can lag the contents of the event registers by approximately 5 ms.
7. 250 ns minimum and 350 ns maximum for the case where the Si3454 is transmitting data.


Numéro de pièce similaire - SI3454

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SI3454 FAIRCHILD-SI3454 Datasheet
122Kb / 5P
   N-Channel PowerTrench MOSFET
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
SI3454-B01-IM SKYWORKS-SI3454-B01-IM Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Vishay Siliconix
SI3454ADV VISHAY-SI3454ADV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 15-Mar-04
SI3454ADV-T1 VISHAY-SI3454ADV-T1 Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 15-Mar-04
More results

Description similaire - SI3454

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
   OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Texas Instruments
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
[Old version datasheet]   Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Linear Technology
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com