Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPES61-11A Fiches technique(PDF) 1 Page - Total Power International

No de pièce TPES61-11A
Description  ACCOMMODATE UNIVERSAL AC INPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES61-11A Fiches technique(HTML) 1 Page - Total Power International

  TPES61-11A Datasheet HTML 1Page - Total Power International TPES61-11A Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT
MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
TPES61 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT
DESKTOP IEC 320-3P AC RECEPTACLE
INPUT & OUTPUT LAMPS INDICATION
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN55022/ FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 50-60 watts typical.
Output Connection: Optional.
Output LED indicator: Installed.
Line Regulation: 0.1% typical.
Load Regulation: Main O/P VO1 typical ±1.5-3.0%.
Aux. O/P VO2 typical ±3.0-5.0%. (Stacked on VO1).
Aux. O/P VO3 typical ±1.0-2.0%. (P. R. installed).
Noise & Ripple: 1.0% typical peak to peak.
OVP: Built-in on main output by crowbar.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector: IEC 320-3P AC receptacle.
On-Off Switch: Option for Rocker switch with lamp.
Input Frequency: 47-63Hz.
Inrush Current: 20A @230Vac.
Input Current: 1.3A @115Vac./ 0.6A@230Vac.
Dielectric Withstand: Meet IEC60950.
EMI: Meet EN55022 / FCC Class B.
Hold-up Time: 15mS @115Vac or
75mS @ 230Vac typical.
No Load Operation: No damage at no load.
GENERAL SPECIFICATION
Efficiency: 75-80% typical.
Switching Frequency: Approximate 44K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in less than
5mS following a 25% load change.
Safety Standard: Meet UL1950/ EN60950 Class I.
Power Density: 1.36 Watts/ Cubic inch.
Operating Temperature: 0 to +25/35/40°C
without derating. (various with output voltage)
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04%/ °C.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case with venting slots.
Desktop Format.
NOTE: (1) The exact voltage regulation obtainable depends upon the cord selected and load current.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (unit ±%).
For the multi-output, the main output remains 50% load and other aux. output remains 20% load.
(3) The typical cord length 1 meter (about 3.3ft.), AWG#18 cord for various load conditions.
(4) Due to requests in market and advances in technology, specifications subject to change without notice.
For the details of safety approval, please consult the factory.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Numéro de pièce similaire - TPES61-11A

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPES65 TOTAL-POWER-TPES65 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES65-090670 TOTAL-POWER-TPES65-090670 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES65-120520 TOTAL-POWER-TPES65-120520 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES65-150430 TOTAL-POWER-TPES65-150430 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES65-180360 TOTAL-POWER-TPES65-180360 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results

Description similaire - TPES61-11A

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49 TOTAL-POWER-TPEMG49 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G TOTAL-POWER-TPEMP100G Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
HITRON ELECTRONICS CORP...
HEMP106G HITRON-HEMP106G Datasheet
108Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
Total Power Internation...
TPES65 TOTAL-POWER-TPES65 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEG42 TOTAL-POWER-TPEG42 Datasheet
481Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES25 TOTAL-POWER-TPES25 Datasheet
458Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com