Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1120 Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce SI1120
Description  PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1120 Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button SI1120 Datasheet HTML 3Page - Silicon Laboratories SI1120 Datasheet HTML 4Page - Silicon Laboratories SI1120 Datasheet HTML 5Page - Silicon Laboratories SI1120 Datasheet HTML 6Page - Silicon Laboratories SI1120 Datasheet HTML 7Page - Silicon Laboratories SI1120 Datasheet HTML 8Page - Silicon Laboratories SI1120 Datasheet HTML 9Page - Silicon Laboratories SI1120 Datasheet HTML 10Page - Silicon Laboratories SI1120 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Si1120
Rev. 1.0
7
2.2. Mode Selection
The Si1120 features a shutdown mode, three proximity-detection modes, three ambient-light sensing modes, and
an offset calibration for high-sensitivity mode. Mode selection is accomplished through the sequencing of the SC
(shutdown/clock), MD (mode), and STX (strobe/transmit) pins.
The part enters shutdown mode unconditionally when SC is high. Each of the MD and STX inputs should be set to
a valid high or low state. In shutdown mode, the PRX output is tri-stated, and the power-supply and TXO output
leakage currents are negligible.
The active modes are set by clocking the state of MD and STX on the falling edge of SC and then setting MD to the
required state. Since setting SC high forces shutdown, SC must be held low for the selected mode to remain
active. The timing diagram in Figure 2 illustrates the programming sequence. Table 4 indicates the various mode
encodings. After the correct state has been programmed, the STX input is used to trigger measurements.
Figure 2. Si1120 Mode Programming Timing Diagram
If the mode must be changed, the SC pin may need to be rearmed (set high), in which case the shutdown mode is
set and a power-on latency of about 500 µs is incurred upon enabling of the selected mode when SC goes back
low. Following a mode change, STX must be kept low during the power-up latency period. If the host sets STX too
early, the Si1120 may not begin a measurement cycle; PRX does not assert. If this occurs, the host can restart a
measurement by toggling STX.
Table 4. Mode Control Table
Mode
Description
STX (Latch) MD (Latch)
MD (Static)
PRX400
Proximity, 400 mA LED current (Mode 0)
0
0
0
OFC
Offset calibration for high sensitivity (Mode 1)
0
0
1
PRX50
Proximity, 50 mA LED current (Mode 2)
0
1
0
PRX50H
Proximity, 50 mA LED current, high reflectance (Mode 3)
0
1
1
VIRL
Visible and infrared ambient, low range (Mode 4)
1
0
0
VAMB
Visible ambient (Mode 5)
1
0
1
VIRH
Visible and infrared ambient, high range (Mode 6)
1
1
0
(Reserved) Reserved mode
1
1
1


Numéro de pièce similaire - SI1120

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI1120 SILABS-SI1120 Datasheet
1Mb / 22P
   DESIGNERS GUIDE
Si1120-A-GM SILABS-Si1120-A-GM Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
SI1120 SILABS-SI1120_10 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
More results

Description similaire - SI1120

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI1120 SILABS-SI1120_10 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com