Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EZR32LG230 Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce EZR32LG230
Description  Building and home automation
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32LG230 Fiches technique(HTML) 5 Page - Silicon Laboratories

  EZR32LG230 Datasheet HTML 1Page - Silicon Laboratories EZR32LG230 Datasheet HTML 2Page - Silicon Laboratories EZR32LG230 Datasheet HTML 3Page - Silicon Laboratories EZR32LG230 Datasheet HTML 4Page - Silicon Laboratories EZR32LG230 Datasheet HTML 5Page - Silicon Laboratories EZR32LG230 Datasheet HTML 6Page - Silicon Laboratories EZR32LG230 Datasheet HTML 7Page - Silicon Laboratories EZR32LG230 Datasheet HTML 8Page - Silicon Laboratories EZR32LG230 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
3.1.4 Direct Memory Access Controller (DMA)
The Direct Memory Access (DMA) controller performs memory operations independently of the CPU. This has the benefit of reducing
the energy consumption and the workload of the CPU, and enables the system to stay in low energy modes when moving, for instance,
data from the USART to RAM or from the External Bus Interface to a PWM-generating timer. The DMA controller uses the PL230
µDMA controller licensed from ARM.
3.1.5 Reset Management Unit (RMU)
The RMU is responsible for handling the reset functionality of the EZR32LG.
3.1.6 Energy Management Unit (EMU)
The Energy Management Unit (EMU) manages all the low energy modes (EM) in EZR32LG microcontrollers. Each energy mode man-
ages if the CPU and the various peripherals are available. The EMU can also be used to turn off the power to unused SRAM blocks.
3.1.7 Clock Management Unit (CMU)
The Clock Management Unit (CMU) is responsible for controlling the oscillators and clocks on-board the EZR32LG. The CMU provides
the capability to turn on and off the clock on an individual basis to all peripheral modules in addition to enable/disable and configure the
available oscillators. The high degree of flexibility enables software to minimize energy consumption in any specific application by not
wasting power on peripherals and oscillators that are inactive.
3.1.8 Watchdog (WDOG)
The purpose of the watchdog timer is to generate a reset in case of a system failure, to increase application reliability. The failure may,
for example, be caused by an external event, such as an ESD pulse, or by a software failure.
3.1.9 Peripheral Reflex System (PRS)
The Peripheral Reflex System (PRS) system is a network which lets the different peripheral module communicate directly with each
other without involving the CPU. Peripheral modules which send out Reflex signals are called producers. The PRS routes these reflex
signals to consumer peripherals which apply actions depending on the data received. The format for the Reflex signals is not given, but
edge triggers and other functionality can be applied by the PRS.
3.1.10 Inter-Integrated Circuit Interface (I2C)
The I2C module provides an interface between the MCU and a serial I2C-bus. It is capable of acting as both a master and a slave, and
supports multi-master buses. Both standard-mode, fast-mode and fast-mode plus speeds are supported, allowing transmission rates all
the way from 10 kbit/s up to 1 Mbit/s. Slave arbitration and timeouts are also provided to allow implementation of an SMBus compliant
system. The interface provided to software by the I2C module allows both fine-grained control of the transmission process and close to
automatic transfers. Automatic recognition of slave addresses is provided in all energy modes.
3.1.11 Universal Synchronous/Asynchronous Receiver/Transmitter (USART)
The Universal Synchronous Asynchronous serial Receiver and Transmitter (USART) is a very flexible serial I/O module. It supports full
duplex asynchronous UART communication as well as RS-485, SPI, MicroWire and 3-wire. It can also interface with ISO7816 Smart-
Cards, and I2S devices.
3.1.12 Pre-Programmed UART Bootloader
The bootloader presented in application note AN0003 is pre-programmed in the device at factory. Autobaud and destructive write are
supported. The autobaud feature, interface, and commands are described further in the application note.
3.1.13 Universal Asynchronous Receiver/Transmitter (UART)
The Universal Asynchronous serial Receiver and Transmitter (UART) is a very flexible serial I/O module. It supports full- and half-du-
plex asynchronous UART communication.
EZR32LG230 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 4


Numéro de pièce similaire - EZR32LG230

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
EZR32LG230F128R55G-B0 SILABS-EZR32LG230F128R55G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG230F128R55G-B0R SILABS-EZR32LG230F128R55G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG230F128R60G-B0 SILABS-EZR32LG230F128R60G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG230F128R60G-B0R SILABS-EZR32LG230F128R60G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG230F128R61G-B0 SILABS-EZR32LG230F128R61G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
More results

Description similaire - EZR32LG230

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
   Home and Building Automation and Security
logo
Maxim Integrated Produc...
MAXREFDES130 MAXIM-MAXREFDES130 Datasheet
310Kb / 8P
   Building Automation Shield
logo
List of Unclassifed Man...
INMBSBAC1000000 ETC-INMBSBAC1000000 Datasheet
33Mb / 40P
   Gateway solutions for building and home integration
Version 1.0/2022
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com