Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1010A470 Fiches technique(PDF) 1 Page - Littelfuse

No de pièce SL1010A470
Description  Gas Discharge Tubes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1010A470 Fiches technique(HTML) 1 Page - Littelfuse

  SL1010A470 Datasheet HTML 1Page - Littelfuse SL1010A470 Datasheet HTML 2Page - Littelfuse SL1010A470 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Gas Discharge Tubes
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/06/15
SL1010A Series
Description
Features
• 5mm diameter size
• Low insertion loss
• Fast response time
• Single component
balanced protector
(T-grd & R-grd)
• High current rating
• Stable performance
over lifetime
• Lead-free and RoHS
compliant
• UL Recognized
Applications
• Data lines
• Broadband interfaces
such as ADSL2/VDSL2
• xDSL equipment
• Satellite and CATV
equipment
• General telecom
equipment
• Industrial automation
• Home gateway
AGENCY
AGENCY FILE NUMBER
E128662
Agency Approvals
The SL1010A Series Gas Discharge Tube (GDT) offers
a compact, three-terminal, surface mount component
that’s just 5mm in diameter. It is rated for 10 hits
(±5 repetitions) of a 5kA 8/20µs surge event with a
low off-state capacitance of 1.5pF. Its low arc voltage
parameter of 10V reduces thermal accumulation
during long-term power fault events.
3 Electrode GDT Graphical Symbol
SL1010A Series
RoHS
Additional Information
Datasheet
Samples
Resources
Samples


Numéro de pièce similaire - SL1010A470

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
SL10100 CHENDA-SL10100 Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SL10100 JUXING-SL10100 Datasheet
3Mb / 2P
   Surface Mount Schottky Rectifiers
logo
Microdiode Electronics ...
SL10100 CHENDA-SL10100 Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SL10100.10A-TO-277 DGNJDZ-SL10100.10A-TO-277 Datasheet
356Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
logo
AMETHERM Circuit Protec...
SL1010002 AMETHERM-SL1010002 Datasheet
41Kb / 1P
   Circuit Protection Thermistors
More results

Description similaire - SL1010A470

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com