Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP6KE13CA Fiches technique(PDF) 2 Page - Littelfuse

No de pièce TP6KE13CA
Description  Hi reliability application and automotive grade AEC-Q101 qualified
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TP6KE13CA Fiches technique(HTML) 2 Page - Littelfuse

  TP6KE13CA Datasheet HTML 1Page - Littelfuse TP6KE13CA Datasheet HTML 2Page - Littelfuse TP6KE13CA Datasheet HTML 3Page - Littelfuse TP6KE13CA Datasheet HTML 4Page - Littelfuse TP6KE13CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
887
TVS Diodes
TP6KE Series
Axial Leaded – 600W > TP6KE series
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/08/15
Electrical Characteristics (T
A=25°C unless otherwise noted)
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage
V
C @ Ipp (V)
Maximum
Peak
Pulse Current
I
pp (A)
Maximum
Reverse
Leakage
I
R@ VR
(µA)
Agency
Approval
MIN
MAX
TP6KE13A
TP6KE13CA
11.10
12.40
13.70
1
18.2
33.5
1
X
TP6KE15A
TP6KE15CA
12.80
14.30
15.80
1
21.2
28.8
1
X
TP6KE16A
TP6KE16CA
13.60
15.20
16.80
1
22.5
27.1
1
X
TP6KE18A
TP6KE18CA
15.30
17.10
18.90
1
25.2
24.2
1
X
TP6KE20A
TP6KE20CA
17.10
19.00
21.00
1
27.7
22.0
1
X
TP6KE22A
TP6KE22CA
18.80
20.90
23.10
1
30.6
19.9
1
X
TP6KE24A
TP6KE24CA
20.50
22.80
25.20
1
33.2
18.4
1
X
TP6KE27A
TP6KE27CA
23.10
25.70
28.40
1
37.5
16.3
1
X
TP6KE30A
TP6KE30CA
25.60
28.50
31.50
1
41.4
14.7
1
X
TP6KE33A
TP6KE33CA
28.20
31.40
34.70
1
45.7
13.3
1
X
TP6KE36A
TP6KE36CA
30.80
34.20
37.80
1
49.9
12.2
1
X
TP6KE39A
TP6KE39CA
33.30
37.10
41.00
1
53.9
11.3
1
X
TP6KE43A
TP6KE43CA
36.80
40.90
45.20
1
59.3
10.3
1
X
TP6KE47A
TP6KE47CA
40.20
44.70
49.40
1
64.8
9.4
1
X
TP6KE51A
TP6KE51CA
43.60
48.50
53.60
1
70.1
8.7
1
X
TP6KE56A
TP6KE56CA
47.80
53.20
58.80
1
77.0
7.9
1
X
TP6KE62A
TP6KE62CA
53.00
58.90
65.10
1
85.0
7.2
1
X
TP6KE68A
TP6KE68CA
58.10
64.60
71.40
1
92.0
6.6
1
X
TP6KE75A
TP6KE75CA
64.10
71.30
78.80
1
103.0
5.9
1
X
TP6KE82A
TP6KE82CA
70.10
77.90
86.10
1
113.0
5.4
1
X
TP6KE91A
TP6KE91CA
77.80
86.50
95.50
1
125.0
4.9
1
X
For parts without A , the V
BR is ± 10% and VC is 5% higher than with A parts
I-V Curve Characteristics
Vc VBR VR
IR
IT
Ipp
V
Uni-directional
VF
Vc VBR VR
IR
IT
Ipp
V
Vc
VBR
VR
Ipp
IR
IT
Bi-directional
P
PPM Peak Pulse Power Dissipation -- Max power dissipation
V
R
Stand-off Voltage -- Maximum voltage that can be applied to the TVS without operation
V
BR
Breakdown Voltage -- Maximum voltage that flows though the TVS at a specified test current (I
T)
V
C
Clamping Voltage -- Peak voltage measured across the TVS at a specified Ippm (peak impulse current)
I
R
Reverse Leakage Current -- Current measured at V
R
V
F
Forward Voltage Drop for Uni-directional
2


Numéro de pièce similaire - TP6KE13CA

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
TP6KE LITTELFUSE-TP6KE Datasheet
947Kb / 5P
   specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results

Description similaire - TP6KE13CA

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
   AEC-Q101 qualified
November 2016 Rev 7
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMTH6005LCT DIODES-DMTH6005LCT Datasheet
320Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMN2005UFG DIODES-DMN2005UFG Datasheet
518Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com