Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSN105D-270M Fiches technique(PDF) 1 Page - Frontier Electronics.

No de pièce CSN105D-270M
Description  SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSN105D-270M Fiches technique(HTML) 1 Page - Frontier Electronics.

  CSN105D-270M Datasheet HTML 1Page - Frontier Electronics. CSN105D-270M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSN105D Series
SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated Current
(A)
CSN105D-100M
100
10
100
0.06
2.60
CSN105D-120M
120
12
100
0.07
2.45
CSN105D-150M
150
15
100
0.08
2.27
CSN105D-180M
180
18
100
0.09
2.15
CSN105D-220M
220
22
100
0.10
1.95
CSN105D-270M
270
27
100
0.11
1.76
CSN105D-330M
330
33
100
0.12
1.50
CSN105D-390M
390
39
100
0.14
1.37
CSN105D-470K
470
47
100
0.17
1.28
CSN105D-560K
560
56
100
0.19
1.17
CSN105D-680K
680
68
100
0.22
1.11
CSN105D-820K
820
82
100
0.25
1.00
CSN105D-101K
101
100
10
0.35
0.97
CSN105D-121K
121
120
10
0.40
0.89
CSN105D-151K
151
150
10
0.47
0.78
CSN105D-181K
181
180
10
0.63
0.72
CSN105D-221K
221
220
10
0.73
0.66
CSN105D-271K
271
270
10
0.97
0.57
CSN105D-331K
331
330
10
1.15
0.52
CSN105D-391K
391
390
10
1.30
0.48
CSN105D-471K
471
470
10
1.48
0.42
CSN105D-561K
561
560
10
1.90
0.33
CSN105D-681K
681
680
10
2.25
0.28
CSN105D-821K
821
820
10
2.55
0.24
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
CSN105D
9.0
(0.354)
10.0
(0.394)
5.4
(0.213)
2.2
(0.087)
9.5
(0.374)
2.5
(0.098)
3.75
(0.148)
Tol.
±0.4
(0.016)
±0.4
(0.016)
±0.4
(0.016)
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSN105D-xxx_, “CSN105D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, L= ± 15%, K = ±10%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no mo
re than 10% of initial value at rated current, temperature rise ∆t < 40ºC.
8. Inductance and Current range: From 10.0 µH (2.60A) to 820.0 µH (0.24A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Numéro de pièce similaire - CSN105D-270M

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSN105D FRONTIER-CSN105D Datasheet
121Kb / 5P
   Tape and Reel Specifications
CSN105D100M FRONTIER-CSN105D100M Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D101K FRONTIER-CSN105D101K Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D120M FRONTIER-CSN105D120M Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D121K FRONTIER-CSN105D121K Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results

Description similaire - CSN105D-270M

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSN032D-1R0M FRONTIER-CSN032D-1R0M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D-1R0M FRONTIER-CSN054D-1R0M Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN043D FRONTIER-CSN043D_15 Datasheet
273Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D FRONTIER-CSN054D_15 Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN075D FRONTIER-CSN075D_15 Datasheet
243Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D FRONTIER-CSN105D_15 Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073F FRONTIER-CSN073F_15 Datasheet
229Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN084F FRONTIER-CSN084F_15 Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073D-100M FRONTIER-CSN073D-100M Datasheet
239Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN104D-100M FRONTIER-CSN104D-100M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com